Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 48 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 48 Page - SPANSION

Back Button S25FS256S Datasheet HTML 44Page - SPANSION S25FS256S Datasheet HTML 45Page - SPANSION S25FS256S Datasheet HTML 46Page - SPANSION S25FS256S Datasheet HTML 47Page - SPANSION S25FS256S Datasheet HTML 48Page - SPANSION S25FS256S Datasheet HTML 49Page - SPANSION S25FS256S Datasheet HTML 50Page - SPANSION S25FS256S Datasheet HTML 51Page - SPANSION S25FS256S Datasheet HTML 52Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 154 page
background image
48
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
Figure 7.6 WSON 8-Contact 6x5 mm Leadless (WND008)
g1071 \ 16-038.30 \ 02.22.12
NOTES:
1.
DIMENSIONING AND TOLERANCING CONFORMS TO
ASME Y14.5M - 1994.
2.
ALL DIMENSIONS ARE IN MILLMETERS.
3.
N IS THE TOTAL NUMBER OF TERMINALS.
4
DIMENSION “b” APPLIES TO METALLIZED TERMINAL AND IS
MEASURED BETWEEN 0.15 AND 0.30mm FROM TERMINAL
TIP. IF THE TERMINAL HAS THE OPTIONAL RADIUS ON THE
OTHER END OF THE TERMINAL, THE DIMENSION “b”
SHOULD NOT BE MEASURED IN THAT RADIUS AREA.
5
ND REFERS TO THE NUMBER OF TERMINALS ON D SIDE.
6.
MAX. PACKAGE WARPAGE IS 0.05mm.
7.
MAXIMUM ALLOWABLE BURR IS 0.076mm IN ALL DIRECTIONS.
8
PIN #1 ID ON TOP WILL BE LASER MARKED.
9
BILATERAL COPLANARITY ZONE APPLIES TO THE EXPOSED
HEAT SINK SLUG AS WELL AS THE TERMINALS.
SYMBOL
MIN
NOM
MAX
NOTES
e
1.27 BSC.
N
8
3
ND
4
5
L
0.55
0.60
0.65
b
0.35
0.40
0.45
4
D2
3.90
4.00
4.10
E2
3.30
3.40
3.50
D
5.00 BSC
E
6.00 BSC
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
K
0.20 MIN.
PACKAGE
WND008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com