Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 93 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 93 Page - SPANSION

Back Button S25FS256S Datasheet HTML 89Page - SPANSION S25FS256S Datasheet HTML 90Page - SPANSION S25FS256S Datasheet HTML 91Page - SPANSION S25FS256S Datasheet HTML 92Page - SPANSION S25FS256S Datasheet HTML 93Page - SPANSION S25FS256S Datasheet HTML 94Page - SPANSION S25FS256S Datasheet HTML 95Page - SPANSION S25FS256S Datasheet HTML 96Page - SPANSION S25FS256S Datasheet HTML 97Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
93
Da ta
Shee t
(Prelim i nar y )
10.2.3
Read Serial Flash Discoverable Parameters (RSFDP 5Ah)
The command is initiated by shifting on SI the instruction code “5Ah”, followed by a 24-bit address of
000000h, followed by 8 dummy cycles. The SFDP bytes are then shifted out on SO starting at the falling edge
of SCK after the dummy cycles. The SFDP bytes are always shifted out with the MSB first. If the 24-bit
address is set to any other value, the selected location in the SFDP space is the starting point of the data
read. This enables random access to any parameter in the SFDP space. The RSFDP command is supported
up to 50 MHz.
Figure 10.4 RSFDP Command Sequence
This command is also supported in QPI Mode. In QPI Mode the instruction is shifted in on IO0-IO3 and the
returning data is shifted out on IO0-IO3.
Figure 10.5 RSFDP QPI Mode Command Sequence
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
23
1
0
7
6
5
4
3
2
1
0
Instruction
Address
Dummy Cycles
Data1
CS#
SCLK
IO0
IO1
IO2
IO3
Phase
4
0
20
4
0
4
0
4
0
4
0
4
0
5
1
21
5
1
5
1
5
1
5
1
5
1
6
2
22
6
2
6
2
6
2
6
2
6
2
7
3
23
7
3
7
3
7
3
7
3
7
3
Instruct.
Address
Dummy
D1
D2
D3
D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com