Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 68 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 68 Page - SPANSION

Back Button S25FS256S Datasheet HTML 64Page - SPANSION S25FS256S Datasheet HTML 65Page - SPANSION S25FS256S Datasheet HTML 66Page - SPANSION S25FS256S Datasheet HTML 67Page - SPANSION S25FS256S Datasheet HTML 68Page - SPANSION S25FS256S Datasheet HTML 69Page - SPANSION S25FS256S Datasheet HTML 70Page - SPANSION S25FS256S Datasheet HTML 71Page - SPANSION S25FS256S Datasheet HTML 72Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 154 page
background image
68
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
8.6.4.2
Configuration Register 2 Volatile (CR2V)
Related Commands: Read Any Register (RDAR 65h), Write Any Register (WRAR 71h), 4BAM.
Address Length CR2V[7]: This bit controls the expected address length for all commands that require
address and are not fixed 3-byte only or 4-byte (32-bit) only address. See Table 10.1, S25FS-S Family
Command Set (sorted by function) on page 88 for command address length. This volatile Address Length
configuration bit enables the address length to be changed during normal operation. The 4-byte address
mode (4BAM) command directly sets this bit into 4-byte address mode.
QPI CR2V[6]: This bit controls the expected instruction width for all commands. This volatile QPI
configuration bit enables the device to enter and exit QPI Mode during normal operation. When this bit is set
to QPI Mode, the Quad bit is also set to Quad Mode (CR1V[1]=1). When this bit is cleared to legacy SPI
mode, the Quad bit is not affected.
IO3 Reset CR2V[5]: This bit controls the IO3 / RESET# signal behavior. This volatile IO3 Reset configuration
bit enables the use of IO3 as a RESET# input during normal operation.
Read Latency CR2V[3:0]: This bit controls the read latency (dummy cycle) delay in variable latency read
commands These volatile configuration bits enable the user to adjust the read latency during normal
operation to optimize the latency for different commands or, at different operating frequencies, as needed.
Table 8.21 Configuration Register 2 Volatile (CR2V)
Bits
Field Name
Function
Type
Default
State
Description
7
AL
Address Length
Volatile
CR2NV
1 = 4 byte address.
0 = 3 byte address.
6
QA
QPI
1 = Enabled - QPI (4-4-4) protocol in use.
0 = Disabled - Legacy SPI protocols in use, instruction is
always serial on SI.
5
IO3R_S
IO3 Reset
1 = Enabled - IO3 is used as RESET# input when CS# is
high or Quad Mode is disabled CR1V[1]=1.
0 = Disabled - IO3 has no alternate function, hardware
reset is disabled.
4
RFU
Reserved
Reserved for Future Use.
3
RL
Read Latency
0 to 15 latency (dummy) cycles following read address
or continuous mode bits.
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com