Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 95 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 95 Page - SPANSION

Back Button S25FS256S Datasheet HTML 91Page - SPANSION S25FS256S Datasheet HTML 92Page - SPANSION S25FS256S Datasheet HTML 93Page - SPANSION S25FS256S Datasheet HTML 94Page - SPANSION S25FS256S Datasheet HTML 95Page - SPANSION S25FS256S Datasheet HTML 96Page - SPANSION S25FS256S Datasheet HTML 97Page - SPANSION S25FS256S Datasheet HTML 98Page - SPANSION S25FS256S Datasheet HTML 99Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
95
Da ta
Shee t
(Prelim i nar y )
10.3.3
Read Configuration Register (RDCR 35h)
The Read Configuration Register (RDCR) command allows the volatile Configuration Register (CR1V)
contents to be read from SO. It is possible to read CR1V continuously by providing multiples of eight clock
cycles. The Configuration Register contents may be read at any time, even while a program, erase, or write
operation is in progress.
Figure 10.9 Read Configuration Register (RDCR) Command Sequence
In QPI Mode, Configuration Register 1 may be read via the Read Any Register command, see
Section 10.3.12, Read Any Register (RDAR 65h) on page 101
10.3.4
Write Registers (WRR 01h)
The Write Registers (WRR) command allows new values to be written to both the Status Register 1 and
Configuration Register 1. Before the Write Registers (WRR) command can be accepted by the device, a
Write Enable (WREN) command must be received. After the Write Enable (WREN) command has been
decoded successfully, the device will set the Write Enable Latch (WEL) in the Status Register to enable any
write operations.
The Write Registers (WRR) command is entered by shifting the instruction and the data bytes on SI. The
Status Register is one data byte in length.
The WRR operation first erases the register then programs the new value as a single operation. The Write
Registers (WRR) command will set the P_ERR or E_ERR bits if there is a failure in the WRR operation. See
Status Register 1 Volatile (SR1V) on page 61 for a description of the error bits. Any Status or Configuration
Register bit reserved for the future must be written as a 0.
CS# must be driven to the logic high state after the eighth or sixteenth bit of data has been latched. If not, the
Write Registers (WRR) command is not executed. If CS# is driven high after the eighth cycle then only the
Status Register 1 is written; otherwise, after the sixteenth cycle both the Status and Configuration Registers
are written.
As soon as CS# is driven to the logic high state, the self-timed Write Registers (WRR) operation is initiated.
While the Write Registers (WRR) operation is in progress, the Status Register may still be read to check the
value of the Write-In Progress (WIP) bit. The Write-In Progress (WIP) bit is a 1 during the self-timed Write
Registers (WRR) operation, and is a 0 when it is completed. When the Write Registers (WRR) operation is
completed, the Write Enable Latch (WEL) is set to a 0. The maximum clock frequency for the WRR command
is 133 MHz.
This command is also supported in QPI Mode. In QPI Mode the instruction and data is shifted in on IO0-IO3,
two clock cycles per byte.
Figure 10.10 Write Registers (WRR) Command Sequence – 8-Data Bits
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Register Read
Repeat Register Read
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Input Status Register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com