Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 54 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 54 Page - SPANSION

Back Button S25FS256S Datasheet HTML 50Page - SPANSION S25FS256S Datasheet HTML 51Page - SPANSION S25FS256S Datasheet HTML 52Page - SPANSION S25FS256S Datasheet HTML 53Page - SPANSION S25FS256S Datasheet HTML 54Page - SPANSION S25FS256S Datasheet HTML 55Page - SPANSION S25FS256S Datasheet HTML 56Page - SPANSION S25FS256S Datasheet HTML 57Page - SPANSION S25FS256S Datasheet HTML 58Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 154 page
background image
54
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
Software Interface
This section discusses the features and behaviors most relevant to host system software that interacts with
S25FS-S family memory devices.
8.
Address Space Maps
8.1
Overview
8.1.1
Extended Address
The S25FS-S family supports 32-bit (4-byte) addresses to enable higher density devices than allowed by
previous generation (legacy) SPI devices that supported only 24-bit (3-byte) addresses. A 24-bit, byte
resolution, address can access only 16-Mbytes (128-Mbits) maximum density. A 32-bit, byte resolution,
address allows direct addressing of up to a 4-Gbytes (32-Gbits) address space.
Legacy commands continue to support 24-bit addresses for backward software compatibility. Extended 32-bit
addresses are enabled in two ways:
 Extended address mode — a volatile Configuration Register bit that changes all legacy commands to
expect 32 bits of address supplied from the host system.
 4-byte address commands — that perform both legacy and new functions, which always expect 32-bit
address.
The default condition for extended address mode, after power-up or reset, is controlled by a non-volatile
configuration bit. The default extended address mode may be set for 24- or 32-bit addresses. This enables
legacy software compatible access to the first 128 Mbits of a device or for the device to start directly in 32-bit
address mode.
The 128-Mbit density member of the S25FS-S family supports the extended address features in the same
way but in essence ignores bits 31 to 24 of any address because the main flash array only needs 24 bits of
address. This enables simple migration from the 128-Mb density to higher density devices without changing
the address handling aspects of software.
8.1.2
Multiple Address Spaces
Many commands operate on the main flash memory array. Some commands operate on address spaces
separate from the main flash array. Each separate address space uses the full 24- or 32-bit address but may
only define a small portion of the available address space.
8.2
Flash Memory Array
The main flash array is divided into erase units called physical sectors.
The FS-S family physical sectors may be configured as a hybrid combination of eight 4-kB parameter sectors
at the top or bottom of the address space with all but one of the remaining sectors being uniform size.
Because the group of eight 4-kB parameter sectors is in total smaller than a uniform sector, the group of 4-kB
physical sectors respectively overlay (replace) the top or bottom 32 kB of the highest or lowest address
uniform sector.
The Parameter Sector Erase commands (20h or 21h) must be used to erase the 4-kB sectors individually.
The Sector (uniform block) Erase commands (D8h or DCh) must be used to erase any of the remaining
sectors, including the portion of highest or lowest address sector that is not overlaid by the parameter sectors.
The uniform block erase command has no effect on parameter sectors.
Configuration Register 1 non-volatile bit 2 (CR1NV[2]) equal to 0 overlays the parameter sectors at the
bottom of the lowest address uniform sector. CR1NV[2] = 1 overlays the parameter sectors at the top of the
highest address uniform sector. See Section 8.6, Registers on page 59 for more information.
There is also a configuration option to remove the 4-kB parameter sectors from the address map so that all
sectors are uniform size. Configuration Register 3 volatile bit 3 (CR3V[3]) equal to 0 selects the hybrid sector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com