Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 25 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 25 Page - SPANSION

Back Button S25FS256S Datasheet HTML 21Page - SPANSION S25FS256S Datasheet HTML 22Page - SPANSION S25FS256S Datasheet HTML 23Page - SPANSION S25FS256S Datasheet HTML 24Page - SPANSION S25FS256S Datasheet HTML 25Page - SPANSION S25FS256S Datasheet HTML 26Page - SPANSION S25FS256S Datasheet HTML 27Page - SPANSION S25FS256S Datasheet HTML 28Page - SPANSION S25FS256S Datasheet HTML 29Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
25
Da ta
Shee t
(Prelim i nar y )
 The address or mode bits may be followed by write data to be stored in the memory device or by a read
latency period before read data is returned to the host.
 Write data bit transfers occur on SCK rising edge, in SDR commands, or on every SCK edge, in DDR
commands.
 SCK continues to toggle during any read access latency period. The latency may be zero to several SCK
cycles (also referred to as dummy cycles). At the end of the read latency cycles, the first read data bits are
driven from the outputs on SCK falling edge at the end of the last read latency cycle. The first read data
bits are considered transferred to the host on the following SCK rising edge. Each following transfer occurs
on the next SCK rising edge, in SDR commands, or on every SCK edge, in DDR commands.
 If the command returns read data to the host, the device continues sending data transfers until the host
takes the CS# signal high. The CS# signal can be driven high after any transfer in the read data sequence.
This will terminate the command.
 At the end of a command that does not return data, the host drives the CS# input high. The CS# signal
must go high after the eighth bit, of a stand alone instruction or, of the last write data byte that is
transferred. That is, the CS# signal must be driven high when the number of bits after the CS# signal was
driven low is an exact multiple of eight bits. If the CS# signal does not go high exactly at the eight bit
boundary of the instruction or write data, the command is rejected and not executed.
 All instruction, address, and mode bits are shifted into the device with the Most Significant Bits (MSB) first.
The data bits are shifted in and out of the device MSB first. All data is transferred in byte units with the
lowest address byte sent first. The following bytes of data are sent in lowest to highest byte address order
i.e. the byte address increments.
 All attempts to read the flash memory array during a program, erase, or a write cycle (embedded
operations) are ignored. The embedded operation will continue to execute without any affect. A very
limited set of commands are accepted during an embedded operation. These are discussed in the
individual command descriptions.
 Depending on the command, the time for execution varies. A command to read status information from an
executing command is available to determine when the command completes execution and whether the
command was successful.
4.2.1
Command Sequence Examples
Figure 4.3 Stand Alone Instruction Command
Figure 4.4 Single Bit Wide Input Command
CS#
SCLK
SI
SO
Phase
7
6
5
4
3
2
1
0
Instruction
CS#
SCLK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Input Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com