Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 15 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 15 Page - SPANSION

Back Button S25FS256S Datasheet HTML 11Page - SPANSION S25FS256S Datasheet HTML 12Page - SPANSION S25FS256S Datasheet HTML 13Page - SPANSION S25FS256S Datasheet HTML 14Page - SPANSION S25FS256S Datasheet HTML 15Page - SPANSION S25FS256S Datasheet HTML 16Page - SPANSION S25FS256S Datasheet HTML 17Page - SPANSION S25FS256S Datasheet HTML 18Page - SPANSION S25FS256S Datasheet HTML 19Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
15
Da ta
Shee t
(Prelim i nar y )
2.2.2.7
Other Legacy Commands Not Supported
 Autoboot Related Commands
 Bank Address Related Commands
 Dual Output Read
 Quad Output Read
 Quad Page Program (QPP) - replaced by Page Program in QPI Mode
 DDR Fast Read
 DDR Dual I/O Read
2.2.2.8
New Features
The FS-S family introduces new features to Spansion SPI category memories:
 Single 1.8V power supply for core and I/O voltage.
 Configurable initial read latency (number of dummy cycles) for faster initial access time or higher clock rate
read commands
 Quad Peripheral Interface (QPI, 4-4-4) read mode in which all transfers are 4 bits wide, including
instructions
 JEDEC JESD216 standard, Serial Flash Discoverable Parameters (SFDP) that provide device feature and
configuration information.
 Evaluate Erase Status command to determine if the last erase operation on a sector completed
successfully. This command can be used to detect incomplete erase due to power loss or other causes.
This command can be helpful to Flash File System software in file system recovery after a power loss.
 Advanced Sector Protection (ASP) Permanent Protection. A bit is added to the ASP register to provide the
option to make protection of the Persistent Protection Bits (PPB) permanent. Also, when one of the two
ASP protection modes is selected, all OTP configuration bits in all registers are protected from further
programming so that all OTP configuration settings are made permanent. The OTP address space is not
protected by the selection of an ASP protection mode. The Freeze bit (CR1V[0]) may be used to protect the
OTP Address Space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com