Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 37 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 37 Page - SPANSION

Back Button S25FS256S Datasheet HTML 33Page - SPANSION S25FS256S Datasheet HTML 34Page - SPANSION S25FS256S Datasheet HTML 35Page - SPANSION S25FS256S Datasheet HTML 36Page - SPANSION S25FS256S Datasheet HTML 37Page - SPANSION S25FS256S Datasheet HTML 38Page - SPANSION S25FS256S Datasheet HTML 39Page - SPANSION S25FS256S Datasheet HTML 40Page - SPANSION S25FS256S Datasheet HTML 41Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
37
Da ta
Shee t
(Prelim i nar y )
6.
Timing Specifications
6.1
Key to Switching Waveforms
Figure 6.1 Waveform Element Meanings
6.2
AC Test Conditions
Figure 6.2 Test Setup
Notes:
1. Input slew rate measured from input pulse min to max at VDD max. Example: (1.9V x 0.8) - (1.9V x 0.2) = 1.14V; 1.14V/1.25V/ns = 0.9 ns
rise or fall time.
2. AC characteristics tables assume clock and data signals have the same slew rate (slope).
Figure 6.3 Input, Output, and Timing Reference Levels
Input
Symbol
Output
Valid at logic high or low
High Impedance
Any change permitted
Logic high Logic low
High Impedance
Changing, state unknown Logic high Logic low
Valid at logic high or low
Table 6.1 AC Measurement Conditions
Symbol
Parameter
Min
Max
Unit
CL
Load Capacitance
30
pF
Input Pulse Voltage
0.2xVDD
0.8 VDD
V
Input Slew Rate
0.23
1.25
V/ns
Input Rise and Fall Times
0.9
5
ns
Input Timing Ref Voltage
0.5 VDD
V
Output Timing Ref
Voltage
0.5 VDD
V
Device
Under
Test
CL
VDD + 0.4V
0.7 x VDD
0.3 x VDD
- 0.5V
Timing Reference Level
0.5 x VDD
VDD - 0.2V
0.2V
Input Levels
Output Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com