Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 88 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 88 Page - SPANSION

Back Button S25FS256S Datasheet HTML 84Page - SPANSION S25FS256S Datasheet HTML 85Page - SPANSION S25FS256S Datasheet HTML 86Page - SPANSION S25FS256S Datasheet HTML 87Page - SPANSION S25FS256S Datasheet HTML 88Page - SPANSION S25FS256S Datasheet HTML 89Page - SPANSION S25FS256S Datasheet HTML 90Page - SPANSION S25FS256S Datasheet HTML 91Page - SPANSION S25FS256S Datasheet HTML 92Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 154 page
background image
88
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
10.1.2
Command Summary by Function
Table 10.1 S25FS-S Family Command Set (sorted by function) (Sheet 1 of 2)
Function
Command
Name
Command Description
Instruction
Value
(Hex)
Maximum
Frequency
(MHz)
Address
Length
(Bytes)
QPI
Read
Device ID
RDID
Read ID (JEDEC Manufacturer ID and JEDEC CFI)
9F
133
0
Yes
RSFDP
Read JEDEC Serial Flash Discoverable Parameters
5A
50
3
Yes
RDQID
Read Quad ID
AF
133
0
Yes
Register
Access
RDSR1
Read Status Register 1
05
133
0
Yes
RDSR2
Read Status Register 2
07
133
0
No
RDCR
Read Configuration Register 1
35
133
0
No
RDAR
Read Any Register
65
133
3 or 4
Yes
WRR
Write Register (Status 1, Configuration 1)
01
133
0
Yes
WRDI
Write Disable
04
133
0
Yes
WREN
Write Enable
06
133
0
Yes
WRAR
Write Any Register
71
133
3 or 4
Yes
CLSR
Clear Status Register 1 - Erase/Prog. Fail Reset
This command may be disabled and the instruction value
instead used for a program / erase resume command - see
Configuration Register 3 on page 69
30
133
0
Yes
CLSR
Clear Status Register 1 (alternate instruction) -
Erase/Prog. Fail Reset
82
133
0
Yes
4BAM
Enter 4-byte Address Mode
B7
133
0
No
SBL
Set Burst Length
C0
133
0
No
EES
Evaluate Erase Status
D0
133
3 or 4
Yes
DLPRD
Data Learning Pattern Read
41
133
0
No
PNVDLR
Program NV Data Learning Register
43
133
0
No
WVDLR
Write Volatile Data Learning Register
4A
133
0
No
Read
Flash
Array
READ
Read
03
50
3 or 4
No
4READ
Read
13
50
4
No
FAST_READ
Fast Read
0B
133
3 or 4
No
4FAST_READ
Fast Read
0C
133
4
No
DIOR
Dual I/O Read
BB
66
3 or 4
No
4DIOR
Dual I/O Read
BC
66
4
No
QIOR
Quad I/O Read
EB
133
3 or 4
Yes
4QIOR
Quad I/O Read
EC
133
4
Yes
DDRQIOR
DDR Quad I/O Read
ED
80
3 or 4
Yes
4DDRQIOR
DDR Quad I/O Read
EE
80
4
Yes
Program
Flash
Array
PP
Page Program
02
133
3 or 4
Yes
4PP
Page Program
12
133
4
Yes
Erase
Flash
Array
P4E
Parameter 4-kB Sector Erase
20
133
3 or 4
Yes
4P4E
Parameter 4-kB Sector Erase
21
133
4
Yes
SE
Erase 64 kB or 256 kB
D8
133
3 or 4
Yes
4SE
Erase 64 kB or 256 kB
DC
133
4
Yes
BE
Bulk Erase
60
133
0
Yes
BE
Bulk Erase (alternate instruction)
C7
133
0
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com