Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 71 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 71 Page - SPANSION

Back Button S25FS256S Datasheet HTML 67Page - SPANSION S25FS256S Datasheet HTML 68Page - SPANSION S25FS256S Datasheet HTML 69Page - SPANSION S25FS256S Datasheet HTML 70Page - SPANSION S25FS256S Datasheet HTML 71Page - SPANSION S25FS256S Datasheet HTML 72Page - SPANSION S25FS256S Datasheet HTML 73Page - SPANSION S25FS256S Datasheet HTML 74Page - SPANSION S25FS256S Datasheet HTML 75Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
71
Da ta
Shee t
(Prelim i nar y )
8.6.6
Configuration Register 4
Configuration Register 4 controls the main Flash Array Read commands burst wrap behavior. The burst wrap
configuration does not affect commands reading from areas other than the main flash array e.g. read
commands for registers or OTP array. The non-volatile version of the register provides the ability to set the
start up (boot) state of the controls as the contents are copied to the volatile version of the register during the
POR, hardware reset, or software reset. The volatile version of the register controls the feature behavior
during normal operation. The register bits can be read and changed using the Read Any Register and Write
Any Register commands. The volatile version of the register can also be written by the Set Burst Length
(C0h) command.
8.6.6.1
Configuration Register 4 Non-Volatile (CR4NV)
Related Commands: Read Any Register (RDAR 65h), Write Any Register (WRAR 71h).
Output Impedance Non-Volatile CR4NV[7:5]: These bits control the POR, hardware reset, or software
reset state of the IO signal output impedance (drive strength). Multiple drive strength are available to help
match the output impedance with the system printed circuit board environment to minimize overshoot and
ringing. These non-volatile output impedance configuration bits enable the device to start immediately (boot)
with the appropriate drive strength.
Wrap Enable Non-Volatile CR4NV[4]: This bit controls the POR, hardware reset, or software reset state of
the Wrap Enable. The commands affected by Wrap Enable are: Quad I/O Read, and DDR Quad I/O Read.
This configuration bit enables the device to start immediately (boot) in wrapped burst read mode rather than
the legacy sequential read mode.
Wrap Length Non-Volatile CR4NV[1:0]: These bits controls the POR, hardware reset, or software reset
state of the wrapped read length and alignment. These non-volatile configuration bits enable the device to
start immediately (boot) in wrapped burst read mode rather than the legacy sequential read mode.
Table 8.24 Configuration Register 4 Non-Volatile (CR4NV)
Bits
Field Name
Function
Type
Default
State
Description
7
OI_O
Output Impedance
OTP
0
See Table 8.25, Output Impedance Control on page 71.
6
0
5
0
4
WE_O
Wrap Enable
1
0 = Wrap Enabled.
1 = Wrap Disabled.
3
RFU
Reserved
0
Reserved for Future Use.
2
RFU
Reserved
0
Reserved for Future Use.
1
WL_O
Wrap Length
0
00 = 8-byte wrap.
01 = 16-byte wrap.
10 = 32-byte wrap.
11 = 64-byte wrap.
0
0
Table 8.25 Output Impedance Control
CR4NV[7:5]
Impedance Selection
Typical Impedance to VSS
(Ohms)
Typical Impedance to VDD
(Ohms)
Notes
000
47
45
Factory Default
001
124
105
010
71
64
011
47
45
100
34
35
101
26
28
110
22
24
111
18
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com