Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 94 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 94 Page - SPANSION

Back Button S25FS256S Datasheet HTML 90Page - SPANSION S25FS256S Datasheet HTML 91Page - SPANSION S25FS256S Datasheet HTML 92Page - SPANSION S25FS256S Datasheet HTML 93Page - SPANSION S25FS256S Datasheet HTML 94Page - SPANSION S25FS256S Datasheet HTML 95Page - SPANSION S25FS256S Datasheet HTML 96Page - SPANSION S25FS256S Datasheet HTML 97Page - SPANSION S25FS256S Datasheet HTML 98Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 154 page
background image
94
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
10.3
Register Access Commands
10.3.1
Read Status Register 1 (RDSR1 05h)
The Read Status Register 1 (RDSR1) command allows the Status Register 1 contents to be read from SO.
The volatile version of Status Register 1 (SR1V) contents may be read at any time, even while a program,
erase, or write operation is in progress. It is possible to read Status Register 1 continuously by providing
multiples of eight clock cycles. The status is updated for each eight cycle read. The maximum clock frequency
for the RDSR1 (05h) command is 133 MHz.
Figure 10.6 Read Status Register 1 (RDSR1) Command Sequence
This command is also supported in QPI Mode. In QPI Mode the instruction is shifted in on IO0-IO3 and the
returning data is shifted out on IO0-IO3, two clock cycles per byte.
Figure 10.7 Read Status Register 1 (RDSR1) QPI Mode Command
10.3.2
Read Status Register 2 (RDSR2 07h)
The Read Status Register 2 (RDSR2) command allows the Status Register 2 contents to be read from SO.
The Status Register 2 contents may be read at any time, even while a program, erase, or write operation is in
progress. It is possible to read the Status Register 2 continuously by providing multiples of eight clock cycles.
The status is updated for each eight cycle read. The maximum clock frequency for the RDSR2 command is
133 MHz.
Figure 10.8 Read Status Register 2 (RDSR2) Command
In QPI Mode, Status Register 2 may be read via the Read Any Register command, see Read Any Register
(RDAR 65h) on page 101
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Status
Updated Status
CS#
SCLK
IO0
IO1
IO2
IO3
Phase
4
0
4
0
4
0
4
0
4
0
4
0
5
1
5
1
5
1
5
1
5
1
5
1
6
2
6
2
6
2
6
2
6
2
6
2
7
3
7
3
7
3
7
3
7
3
7
3
Instruct.
D1
D2
D3
D4
D5
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Status
Updated Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com