Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 64 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 64 Page - SPANSION

Back Button S25FS256S Datasheet HTML 60Page - SPANSION S25FS256S Datasheet HTML 61Page - SPANSION S25FS256S Datasheet HTML 62Page - SPANSION S25FS256S Datasheet HTML 63Page - SPANSION S25FS256S Datasheet HTML 64Page - SPANSION S25FS256S Datasheet HTML 65Page - SPANSION S25FS256S Datasheet HTML 66Page - SPANSION S25FS256S Datasheet HTML 67Page - SPANSION S25FS256S Datasheet HTML 68Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 154 page
background image
64
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
to a 0 when it ships from Spansion. If TBPARM_O is programmed to 1, writing the bit with a 0 does not
change the value or set the Program Error bit (P_ERR in SR1V[6]).
The desired state of TBPARM_O must be selected during the initial configuration of the device during system
manufacture; before the first program or erase operation on the main flash array. TBPARM_O must not be
programmed after programming or erasing is done in the main flash array.
TBPROT_O can be set or cleared independent of the TBPARM_O bit. Therefore, the user can elect to store
parameter information from the bottom of the array and protect boot code starting at the top of the array, or
vice versa. Or, the user can elect to store and protect the parameter information starting from the top or
bottom together.
When the memory array is configured as uniform sectors, the TBPARM_O bit is Reserved for Future Use
(RFU) and has no effect because all sectors are uniform size.
Quad Data Width Non-Volatile (QUAD_NV) CR1NV[1]: Provides the default state for the Quad bit in
CR1V[1]. The WRR or WRAR command affects this bit. Non-Volatile selection of QPI Mode, by programming
CR2NV[6] =1, will also program QUAD_NV =1 to change the non-volatile default to Quad data width mode.
While QPI Mode is selected by CR2V[6]=1, the Quad_NV bit cannot be cleared to 0.
Freeze Protection Default (FREEZE) CR1NV[0]: Provides the default state for the FREEZE bit in CR1V[0].
This bit is not user programmable.
8.6.3.2
Configuration Register 1 Volatile (CR1V)
Related Commands: Read Configuration Register (RDCR 35h), Write Registers (WRR 01h), Read Any
Register (RDAR 65h), Write Any Register (WRAR 71h). This is the register displayed by the RDCR
command.
TBPROT, BPNV, and TBPARM CR1V[5,3,2]: These bits are volatile copies of the related non-volatile bits of
CR1NV. These bits track any changes to the related non-volatile version of these bits.
Quad Data Width (QUAD) CR1V[1]: When set to 1, this bit switches the data width of the device to 4-bit
Quad Mode. That is, WP# becomes IO2 and IO3 / RESET# becomes an active I/O signal when CS# is low or
the RESET# input when CS# is high. The WP# input is not monitored for its normal function and is internally
set to high (inactive). The commands for Serial, and Dual I/O Read still function normally but, there is no need
to drive the WP# input for those commands when switching between commands using different data path
widths. Similarly, there is no requirement to drive the IO3 / RESET# during those commands (while CS# is
low). The QUAD bit must be set to 1 when using the Quad I/O Read, DDR Quad I/O Read, QPI Mode
(CR2V[6] = 1), and Read Quad ID commands. While QPI Mode is selected by CR2V[6]=1, the Quad bit
cannot be cleared to 0. The WRR command writes the non-volatile version of the Quad bit (CR1NV[1]), which
also causes an update to the volatile version CR1V[1]. The WRR command can not write the volatile version
CR1V[1] without first affecting the non-volatile version CR1NV[1]. The WRAR command must be used when
it is desired to write the volatile Quad bit CR1V[1] without affecting the non-volatile version CR1NV[1].
Table 8.18 Configuration Register 1 Volatile (CR1V)
Bits
Field Name
Function
Type
Default
State
Description
7
RFU
Reserved for Future
Use
Volatile
CR1NV
Reserved.
6
RFU
5
TBPROT
Volatile copy of
TBPROT_O
Volatile
Read Only
Not user writable.
See CR1NV[5] TBPROT_O.
4
RFU
Reserved for Future
Use
RFU
Reserved.
3
BPNV
Volatile copy of
BPNV_O
Volatile
Read Only
Not user writable.
See CR1NV[3] BPNV_O.
2
TBPARM
Volatile copy of
TBPARM_O
Volatile
Read Only
Not user writable.
See CR1NV[2] TBPARM_O.
1
QUAD
Quad I/O Mode
Volatile
1 = Quad.
0 = Dual or Serial.
0
FREEZE
Lock-Down Block
Protection until next
power cycle
Volatile
Lock current state of Block Protection control bits, and
OTP regions.
1 = Block Protection and OTP locked.
0 = Block Protection and OTP unlocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com