Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 113 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 113 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 109Page - Advanced Micro Devices AM79C972 Datasheet HTML 110Page - Advanced Micro Devices AM79C972 Datasheet HTML 111Page - Advanced Micro Devices AM79C972 Datasheet HTML 112Page - Advanced Micro Devices AM79C972 Datasheet HTML 113Page - Advanced Micro Devices AM79C972 Datasheet HTML 114Page - Advanced Micro Devices AM79C972 Datasheet HTML 115Page - Advanced Micro Devices AM79C972 Datasheet HTML 116Page - Advanced Micro Devices AM79C972 Datasheet HTML 117Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 130 page
background image
Am79C972
113
Writing a 1 to UNIT will clear
UNITCMD and stop interrupts.
Read/Write accessible always.
UINTCMD
is
cleared
by
H_RESET or S_RESET or by
setting the STOP bit.
6
UINT
User Interrupt. UINT is set by the
Am79C972 controller after the
host has issued a user interrupt
command by setting UINTCMD
(CSR4, bit 7) to 1.
Read/Write accessible always.
UINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
UINT
is
cleared
by
H_RESET or S_RESET or by
setting the STOP bit.
5
RCVCCO
Receive Collision Counter Over-
flow is set by the Am79C972 con-
troller when the Receive Collision
Counter (CSR114 and CSR115)
has wrapped around.
When RCVCCO is set, INTA is
asserted if IENA is 1 and the
mask bit RCVCCOM is 0.
Read/Write accessible always.
RCVCCO is cleared by the host
by writing a 1. Writing a 0 has no
effect. RCVCCO is cleared by
H_RESET, S_RESET, or by set-
ting the STOP bit.
4
RCVCCOM Receive Collision Counter Over-
flow Mask. If RCVCCOM is set,
the RCVCCO bit will be masked
and unable to set the INTR bit.
Read/Write accessible always.
RCVCCOM
is
set
to
1
by
H_RESET or S_RESET and is
not affected by the STOP bit.
3
TXSTRT
Transmit Start status is set by the
Am79C972 controller whenever it
begins transmission of a frame.
When TXSTRT is set, INTA is as-
serted if IENA is 1 and the mask
bit TXSTRTM is 0.
Read/Write accessible always.
TXSTRT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
TXSTRT
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
2
TXSTRTM
Transmit
Start
Mask.
If
TX-
STRTM is set, the TXSTRT bit
will be masked and unable to set
the INTR bit.
Read/Write accessible always.
TXSTRTM
is
set
to
1
by
H_RESET or S_RESET and is
not affected by the STOP bit.
1-0
RES
Reserved locations. Written as
zeros and read as undefined.
CSR5: Extended Control and Interrupt 1
Certain bits in CSR5 indicate the cause of an interrupt.
The register is designed so that these indicator bits are
cleared by writing ones to those bit locations. This
means that the software can read CSR5 and write back
the value just read to clear the interrupt condition.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
TOKINTD
Transmit OK Interrupt Disable. If
TOKINTD is set to 1, the TINT bit
in CSR0 will not be set when a
transmission
was
successful.
Only a transmit error will set the
TINT bit.
TOKINTD has no effect when
LTINTEN (CSR5, bit 14) is set to
1. A transmit descriptor with
LTINT set to 1 will always cause
TINT to be set to 1, independent
of the success of the transmis-
sion.
Read/Write accessible always.
TOKINTD
is
cleared
by
H_RESET or S_RESET and is
unaffected by STOP.
14
LTINTEN
Last Transmit Interrupt Enable.
When set to 1, the LTINTEN bit
will cause the Am79C972 control-
ler to read bit 28 of TMD1 as
LTINT. The setting LTINT will de-
termine if TINT will be set at the
end of the transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com