Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 114 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 114 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 110Page - Advanced Micro Devices AM79C972 Datasheet HTML 111Page - Advanced Micro Devices AM79C972 Datasheet HTML 112Page - Advanced Micro Devices AM79C972 Datasheet HTML 113Page - Advanced Micro Devices AM79C972 Datasheet HTML 114Page - Advanced Micro Devices AM79C972 Datasheet HTML 115Page - Advanced Micro Devices AM79C972 Datasheet HTML 116Page - Advanced Micro Devices AM79C972 Datasheet HTML 117Page - Advanced Micro Devices AM79C972 Datasheet HTML 118Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 130 page
background image
114
Am79C972
Read/Write accessible always.
LTINTEN
is
cleared
by
H_RESET or S_RESET and is
unaffected by STOP.
13-12
RES
Reserved locations. Written as
zeros and read as undefined.
11
SINT
System Interrupt is set by the
Am79C972 controller when it de-
tects a system error during a bus
master transfer on the PCI bus.
System errors are data parity er-
ror, master abort, or a target
abort. The setting of SINT due to
data parity error is not dependent
on the setting of PERREN (PCI
Command register, bit 6).
When SINT is set, INTA is assert-
ed if the enable bit SINTE is 1.
Note that the assertion of an in-
terrupt due to SINT is not depen-
dent on the state of the INEA bit,
since INEA is cleared by the
STOP reset generated by the
system error.
Read/Write accessible always.
SINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect. The state of SINT is not af-
fected by clearing any of the PCI
Status register bits that get set
when
a
data
parity
error
(DATAPERR, bit 8), master abort
(RMABORT, bit 13), or target
abort (RTABORT, bit 12) occurs.
SINT is cleared by H_RESET or
S_RESET and is not affected by
setting the STOP bit.
10
SINTE
System Interrupt Enable. If SIN-
TE is set, the SINT bit will be able
to set the INTR bit.
Read/Write accessible always.
SINTE is set to 0 by H_RESET or
S_RESET and is not affected by
setting the STOP bit.
9-8
RES
Reserved locations. Written as
zeros and read as undefined.
7
EXDINT
Excessive Deferral Interrupt is
set by the Am79C972 controller
when the transmitter has experi-
enced Excessive Deferral on a
transmit frame, where Excessive
Deferral is defined in the ISO
8802-3 (IEEE/ANSI 802.3) stan-
dard.
When EXDINT is set, INTA is as-
serted if the enable bit EXDINTE
is 1.
Read/Write accessible always.
EXDINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
EXDINT
is
cleared
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
6
EXDINTE
Excessive Deferral Interrupt En-
able. If EXDINTE is set, the
EXDINT bit will be able to set the
INTR bit.
Read/Write accessible always.
EXDINTE
is
set
to
0
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
5
MPPLBA
Magic Packet Physical Logical
Broadcast Accept. If MPPLBA is
at its default value of 0, the
Am79C972 controller will only de-
tect a Magic Packet frame if the
destination address of the packet
matches the content of the physi-
cal address register (PADR). If
MPPLBA is set to 1, the destina-
tion address of the Magic Packet
frame can be unicast, multicast,
or broadcast. Note that the set-
ting of MPPLBA only affects the
address detection of the Magic
Packet frame. The Magic Packet
frame’s data sequence must be
made up of 16 consecutive phys-
ical addresses (PADR[47:0]) re-
gardless
of
what
kind
of
destination address it has. This
bit is OR’ed with EMPPLBA bit
(CSR116, bit 6).
Read/Write accessible always.
MPPLBA is set to 0 by H_RESET
or S_RESET and is not affected
by setting the STOP bit.
4
MPINT
Magic Packet Interrupt. Magic
Packet Interrupt is set by the
Am79C972 controller when the
device is in the Magic Packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com