Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 116 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 116 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 112Page - Advanced Micro Devices AM79C972 Datasheet HTML 113Page - Advanced Micro Devices AM79C972 Datasheet HTML 114Page - Advanced Micro Devices AM79C972 Datasheet HTML 115Page - Advanced Micro Devices AM79C972 Datasheet HTML 116Page - Advanced Micro Devices AM79C972 Datasheet HTML 117Page - Advanced Micro Devices AM79C972 Datasheet HTML 118Page - Advanced Micro Devices AM79C972 Datasheet HTML 119Page - Advanced Micro Devices AM79C972 Datasheet HTML 120Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 130 page
background image
116
Am79C972
by
H_RESET,
S_RESET,
or
STOP.
11-8
RLEN
Contains a copy of the receive
encoded ring length (RLEN) read
from the initialization block during
Am79C972 controller initializa-
tion. This field is written during
the Am79C972 controller initial-
ization routine.
Read accessible only when either
the STOP or the SPND bit is set.
Write operations have no effect
and should not be performed.
RLEN is only defined after initial-
ization. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
7-0
RES
Reserved locations. Read as 0s.
Write operations are ignored.
CSR7: Extended Control and Interrupt 2
Certain bits in CSR7 indicate the cause of an interrupt.
The register is designed so that these indicator bits are
cleared by writing ones to those bit locations. This
means that the software can read CSR7 and write back
the value just read to clear the interrupt condition.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
FASTSPNDE
Fast Suspend Enable. When
FASTSPNDE is set to 1, the
Am79C972 controller performs a
fast
suspend
whenever
the
SPND bit is set.
When a fast suspend is request-
ed, the Am79C972 controller per-
forms a quick entry into the
suspend mode. At the time the
SPND bit is set, the Am79C972
controller will complete the DMA
process of any transmit and/or re-
ceive packet that had already be-
gun DMA activity. In addition, any
transmit packet that had started
transmission will be fully transmit-
ted and any receive packet that
had begun reception will be fully
received. However, no additional
packets will be transmitted or re-
ceived and no additional transmit
or receive DMA activity will begin.
Hence, the Am79C972 controller
may enter the suspend mode
with
transmit
and/or
receive
packets still in the FIFOs or the
SRAM.
When FASTSPNDE is 0 and the
SPND bit is set, the Am79C972
controller may take longer before
entering the suspend mode. At
the time the SPND bit is set, the
Am79C972 controller will com-
plete the DMA process of a trans-
mit packet if it had already begun
and the Am79C972 controller will
completely
receive
a
receive
packet if it had already begun.
Additionally, all transmit packets
stored in the transmit FIFOs and
the transmit buffer area in the
SRAM (if one is enabled) will be
transmitted and all receive pack-
ets stored in the receive FIFOs,
and the receive buffer area in the
SRAM (if one is enabled) will be
transferred into system memory.
Since the FIFO and SRAM con-
tents are flushed, it may take
much
longer
before
the
Am79C972 controller enters the
suspend mode. The amount of
time that it takes depends on
many factors including the size of
the SRAM, bus latency, and net-
work traffic level.
When a write to CSR5 is per-
formed with bit 0 (SPND) set to 1,
the value that is simultaneously
written to FASTSPNDE is used to
determine which approach
is
used to enter suspend mode.
Read/Write accessible always.
FASTSPNDE
is
cleared
by
H_RESET, S_RESET or by set-
ting the STOP bit.
14
RXFRTG
Receive Frame Tag. When Re-
ceive Frame Tag is set to 1, a tag
word is put into the receive de-
scriptor supplied by the EADI.
See the section Receive Frame
Tagging for details. This bit is
valid only when the EADISEL
(BCR2, bit 3) is set to 1.
Read/Write accessible always.
RXFRTG
is
cleared
by
H_RESET. RXFRTG is unaffect-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com