Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 127 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 127 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 122Page - Advanced Micro Devices AM79C972 Datasheet HTML 123Page - Advanced Micro Devices AM79C972 Datasheet HTML 124Page - Advanced Micro Devices AM79C972 Datasheet HTML 125Page - Advanced Micro Devices AM79C972 Datasheet HTML 126Page - Advanced Micro Devices AM79C972 Datasheet HTML 127Page - Advanced Micro Devices AM79C972 Datasheet HTML 128Page - Advanced Micro Devices AM79C972 Datasheet HTML 129Page - Advanced Micro Devices AM79C972 Datasheet HTML 130Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 127 / 130 page
background image
Am79C972
127
CSR46: Transmit Poll Time Counter
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
TXPOLL
Transmit Poll Time Counter. This
counter is incremented by the
Am79C972 controller microcode
and is used to trigger the transmit
descriptor ring polling operation
of the Am79C972 controller.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR47: Transmit Polling Interval
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0 TXPOLLINT
Transmit Polling Interval. This
register contains the time that the
Am79C972 controller will wait be-
tween successive polling opera-
tions. The TXPOLLINT value is
expressed as the two’s comple-
ment of the desired interval,
where each bit of TXPOLLINT
represents 1 clock period of time.
TXPOLLINT[3:0]
are
ignored.
(TXPOLLINT[16] is implied to be
a one, so TXPOLLINT[15] is sig-
nificant and does not represent
the sign of the two’s complement
TXPOLLINT value.)
The default value of this register
is 0000h. This corresponds to a
polling interval of 65,536 clock
periods
(1.966
ms
when
CLK = 33 MHz). The TXPOL-
LINT value of 0000h is created
during the microcode initialization
routine and, therefore, might not
be seen when reading CSR47 af-
ter H_RESET or S_RESET.
If the user desires to program a
value for POLLINT other than the
default, then the correct proce-
dure is to first set INIT only in
CSR0. Then, when the initializa-
tion sequence is complete, the
user must set STOP (CSR0, bit
2). Then the user may write to
CSR47 and then set STRT in
CSR0. In this way, the default
value of 0000h in CSR47 will be
overwritten with the desired user
value.
If the user does not use the stan-
dard
initialization
procedure
(standard implies use of an initial-
ization block in memory and set-
ting the INIT bit of CSR0), but
instead, chooses to write directly
to each of the registers that are
involved in the INIT operation,
then it is imperative that the user
also writes all zeros to CSR47 as
part of the alternative initialization
sequence.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR48: Receive Poll Time Counter
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
RXPOLL
Receive Poll Time Counter. This
counter is incremented by the
Am79C972 controller microcode
and is used to trigger the receive
descriptor ring polling operation
of the Am79C972 controller.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR49: Receive Polling Interval
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
RXPOLLINT Receive Polling Interval. This reg-
ister contains the time that the
Am79C972 controller will wait be-
tween successive polling opera-
tions. The RXPOLLINT value is
expressed as the two’s comple-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com