Electronic Components Datasheet Search
  English  ▼

X  

AM79C972 Datasheet(PDF) 129 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 129 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 122Page - Advanced Micro Devices AM79C972 Datasheet HTML 123Page - Advanced Micro Devices AM79C972 Datasheet HTML 124Page - Advanced Micro Devices AM79C972 Datasheet HTML 125Page - Advanced Micro Devices AM79C972 Datasheet HTML 126Page - Advanced Micro Devices AM79C972 Datasheet HTML 127Page - Advanced Micro Devices AM79C972 Datasheet HTML 128Page - Advanced Micro Devices AM79C972 Datasheet HTML 129Page - Advanced Micro Devices AM79C972 Datasheet HTML 130Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 129 / 130 page
background image
Am79C972
129
Am7990 LANCE and Am79C960
PCnet-ISA controllers.
The value of SSIZE32 is deter-
mined by the Am79C972 control-
ler according to the setting of the
Software Style (SWSTYLE, bits
7-0 of this register).
Read
accessible
always.
SSIZE32 is read only; write oper-
ations will be ignored. SSIZE32
will be cleared after H_RESET
(since SWSTYLE defaults to 0)
and is not affected by S_RESET
or STOP.
If SSIZE32 is reset, then bits
IADR[31:24] of CSR2 will be
used to generate values for the
upper 8 bits of the 32-bit address
bus during master accesses initi-
ated by the Am79C972 controller.
This action is required, since the
16-bit software structures speci-
fied by the SSIZE32 = 0 setting
will yield only 24 bits of address
for the Am79C972 controller bus
master accesses.
If SSIZE32 is set, then the soft-
ware structures that are common
to the Am79C972 controller and
the host system will supply a full
32 bits for each address pointer
that is needed by the Am79C972
controller for performing master
accesses.
The value of the SSIZE32 bit has
no effect on the drive of the upper
8 address bits. The upper 8 ad-
dress pins are always driven, re-
gardless of the state of the
SSIZE32 bit.
Note that the setting of the
SSIZE32 bit has no effect on the
defined width for I/O resources.
I/O resource width is determined
by the state of the DWIO bit
(BCR18, bit 7).
7-0
SWSTYLE
Software Style register. The val-
ue in this register determines the
style of register and memory re-
sources that shall be used by the
Am79C972 controller. The Soft-
ware Style selection will affect the
interpretation of a few bits within
the CSR space, the order of the
descriptor entries and the width of
the descriptors and initialization
block entries.
All Am79C972 controller CSR
bits and BCR bits and all descrip-
tor, buffer, and initialization block
entries not cited in Table 22 are
unaffected by the Software Style
selection and are, therefore, al-
ways fully functional as specified
in the CSR and BCR sections.
Read/Write accessible only when
either the STOP or the SPND bit
is set. The SWSTYLE register will
contain the value 00h following
H_RESET and will be unaffected
by S_RESET or STOP.
CSR60: Previous Transmit Descriptor Address
Lower
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
PXDAL
Contains the lower 16 bits of the
previous transmit descriptor ad-
dress pointer. The Am79C972
controller has the capability to
stack multiple transmit frames.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com