Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 277 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 277 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 273Page - Advanced Micro Devices AMD-K6 Datasheet HTML 274Page - Advanced Micro Devices AMD-K6 Datasheet HTML 275Page - Advanced Micro Devices AMD-K6 Datasheet HTML 276Page - Advanced Micro Devices AMD-K6 Datasheet HTML 277Page - Advanced Micro Devices AMD-K6 Datasheet HTML 278Page - Advanced Micro Devices AMD-K6 Datasheet HTML 279Page - Advanced Micro Devices AMD-K6 Datasheet HTML 280Page - Advanced Micro Devices AMD-K6 Datasheet HTML 281Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 346 page
background image
Chapter 17
Thermal Design
259
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
17
Thermal Design
17.1
Package Thermal Specifications
The AMD-K6 processor operating specification calls for the
case temperature (TC) to be in the range of 0°C to 70°C. The
ambient temperature (TA) is not specified as long as the case
temperature is not violated. The case temperature must be
measured on the top center of the package. Table 56 shows the
AMD-K6 processor thermal specifications.
Figure 91 on page 260 shows the thermal model of a processor
wi th a pass ive ther mal s o lutio n . Th e case-t o-ambient
temperature (TCA) can be calculated from the following
equation:
TCA = PMAX • θCA
= PMAX • ( θIF + θSA)
Where:
PMAX
= Maximum Power Consumption
θ
CA
= Case-to-Ambient Thermal Resistance
θ
IF
= Interface Material Thermal Resistance
θ
SA
= Sink-to-Ambient Thermal Resistance
Table 56. Package Thermal Specification
TC Case
Temperature
θJC
Junction-Case
Maximum Thermal Power
2.9V Component
3.2V Component
166MHz
200MHz
233MHz
0°C–70°C
0.77°C/W
17.2 W
20.0 W
28.3 W
Stop Grant Mode
1.45 W
1.53 W
1.75 W
Stop Clock Mode
1.0 W
1.0 W
1.0 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com