Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 280 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 280 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 276Page - Advanced Micro Devices AMD-K6 Datasheet HTML 277Page - Advanced Micro Devices AMD-K6 Datasheet HTML 278Page - Advanced Micro Devices AMD-K6 Datasheet HTML 279Page - Advanced Micro Devices AMD-K6 Datasheet HTML 280Page - Advanced Micro Devices AMD-K6 Datasheet HTML 281Page - Advanced Micro Devices AMD-K6 Datasheet HTML 282Page - Advanced Micro Devices AMD-K6 Datasheet HTML 283Page - Advanced Micro Devices AMD-K6 Datasheet HTML 284Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 346 page
background image
262
Thermal Design
Chapter 17
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
Measuring Case
Temperature
The case temperature must be measured on the top center of
the package where most of the heat is dissipated. Figure 94
shows the correct location for measuring the case temperature.
(If a heat exchange device is installed, the thermocouple must
contact the processor top surface through a drilled hole.) The
case temperature is measured to ensure that the thermal
solution meets the operational specification.
Figure 94. Measuring Case Temperature
17.2
Layout and Airflow Considerations
Voltage Regulator
A voltage regulator is required to support the lower voltage
(3.3 V and lower) to the processor. In most applications, the
voltage regulator is designed with power transistors. As a
result, additional heatsinks are required to dissipate the heat
from the power transistors. Figure 95 shows the voltage
regulator placed parallel to the processor with the airflow
aligned with the devices. With this alignment, the heat
generated by the voltage regulator has minimal effect on the
processor.
Thermocouple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com