Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 179 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 179 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 175Page - Advanced Micro Devices AMD-K6 Datasheet HTML 176Page - Advanced Micro Devices AMD-K6 Datasheet HTML 177Page - Advanced Micro Devices AMD-K6 Datasheet HTML 178Page - Advanced Micro Devices AMD-K6 Datasheet HTML 179Page - Advanced Micro Devices AMD-K6 Datasheet HTML 180Page - Advanced Micro Devices AMD-K6 Datasheet HTML 181Page - Advanced Micro Devices AMD-K6 Datasheet HTML 182Page - Advanced Micro Devices AMD-K6 Datasheet HTML 183Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 346 page
background image
Chapter 6
Bus Cycles
161
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Stop Grant and Stop
Clock States
Figure 64 on page 162 and Figure 65 on page 163 show the
processor transition from normal execution to the Stop Grant
state, then to the Stop Clock state, back to the Stop Grant state,
and finally back to normal execution. The series of transitions
begins when the processor samples STPCLK# asserted. On
recognizing a STPCLK# interrupt at the next instruction
retirement boundary, the processor performs the following
actions, in the order shown:
1. Its instruction pipelines are flushed
2. All pending and in-progress bus cycles are completed
3. The STPCLK# assertion is acknowledged by executing a
Stop Grant special bus cycle
4. Its internal clock is stopped after BRDY# of the Stop Grant
special bus cycle is sampled asserted and after EWBE# is
sampled asserted
5. The Stop Clock state is entered if the system logic stops the
bus clock CLK (optional)
STPCLK# is sampled as a level-sensitive input on every clock
edge but is not recognized until the next instruction boundary.
The system logic drives the signal either synchronously or
asynchronously. If it is asserted asynchronously, it must be
asserted for a minimum pulse width of two clocks. STPCLK#
must remain asserted until recognized, which is indicated by
the completion of the Stop Grant special cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com