Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 185 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 185 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 181Page - Advanced Micro Devices AMD-K6 Datasheet HTML 182Page - Advanced Micro Devices AMD-K6 Datasheet HTML 183Page - Advanced Micro Devices AMD-K6 Datasheet HTML 184Page - Advanced Micro Devices AMD-K6 Datasheet HTML 185Page - Advanced Micro Devices AMD-K6 Datasheet HTML 186Page - Advanced Micro Devices AMD-K6 Datasheet HTML 187Page - Advanced Micro Devices AMD-K6 Datasheet HTML 188Page - Advanced Micro Devices AMD-K6 Datasheet HTML 189Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 346 page
background image
Chapter 7
Power-on Configuration and Initialization
167
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
7
Power-on Configuration and Initialization
On power-on the system logic must reset the AMD-K6 processor
by asserting the RESET signal. When the processor samples
RESET asserted, it immediately flushes and initializes all
internal resources and its internal state, including its pipelines
and caches, the floating-point state, the MMX state, and all
registers. Then the processor jumps to address FFFF_FFF0h to
start instruction execution.
7.1
Signals Sampled During the Falling Transition of RESET
FLUSH#
FLUSH# is sampled on the falling transition of RESET to
determine if the processor begins normal instruction execution
or enters Tri-State Test mode. If FLUSH# is High during the
falling transition of RESET, the processor unconditionally runs
its Built-In Self Test (BIST), performs the normal reset
functions, then jumps to address FFFF_FFF0h to start
instruction execution. (See “Built-In Self-Test (BIST)” on page
203 for more details.) If FLUSH# is Low during the falling
transition of RESET, the processor enters Tri-State Test mode.
(See “Tri-State Test Mode” on page 204 and “FLUSH# (Cache
Flush)” on page 97 for more details.)
BF[2:0]
Th e i n te rnal o p e ra t ing frequency of the pro c ess o r i s
determined by the state of the bus frequency signals BF[2:0]
when they are sampled during the falling transition of RESET.
The frequency of the CLK input signal is multiplied internally
by a ratio defined by BF[2:0]. (See “BF[2:0] (Bus Frequency)”
on page 86 for the processor-clock to bus-clock ratios.)
BRDYC#
BRDYC# is sampled on the falling transition of RESET to
configure the drive strength of A[20:3], ADS#, HITM#, and
W/R#. If BRDYC# is Low during the fall of RESET, these
outputs are configured using higher drive strengths than the
standard strength. If BRDYC# is High during the fall of RESET,
the standard strength is selected. (See “BRDYC# (Burst Ready
Copy)” on page 89 for more details.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com