Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 187 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 187 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 183Page - Advanced Micro Devices AMD-K6 Datasheet HTML 184Page - Advanced Micro Devices AMD-K6 Datasheet HTML 185Page - Advanced Micro Devices AMD-K6 Datasheet HTML 186Page - Advanced Micro Devices AMD-K6 Datasheet HTML 187Page - Advanced Micro Devices AMD-K6 Datasheet HTML 188Page - Advanced Micro Devices AMD-K6 Datasheet HTML 189Page - Advanced Micro Devices AMD-K6 Datasheet HTML 190Page - Advanced Micro Devices AMD-K6 Datasheet HTML 191Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 346 page
background image
Chapter 7
Power-on Configuration and Initialization
169
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Table 26. Register State After RESET
Register
State (hex)
Notes
GDTR
base:0000_0000h limit:0FFFFh
IDTR
base:0000_0000h limit:0FFFFh
TR
0000h
LDTR
0000h
EIP
FFFF_FFF0h
EFLAGS
0000_0002h
EAX
0000_0000h
1
EBX
0000_0000h
ECX
0000_0000h
EDX
0000_056Xh
2
ESI
0000_0000h
EDI
0000_0000h
EBP
0000_0000h
ESP
0000_0000h
CS
F000h
SS
0000h
DS
0000h
ES
0000h
FS
0000h
GS
0000h
FPU Stack R7–R0
0000_0000_0000_0000_0000h
3
FPU Control Word
0040h
3
FPU Status Word
0000h
3
FPU Tag Word
5555h
3
FPU Instruction Pointer
0000_0000_0000h
3
FPU Data Pointer
0000_0000_0000h
3
FPU Opcode Register
000_0000_0000b
3
CR0
6000_0010h
4
CR2
0000_0000h
Notes:
1. The contents of EAX indicate if BIST was successful. If EAX = 0000_0000h, BIST was successful.
If EAX is non-zero, BIST failed.
2. EDX contains the AMD-K6 processor signature, where X indicates the processor Stepping ID.
3. The contents of these registers are preserved following the recognition of INIT.
4. The CD and NW bits of CR0 are preserved following the recognition of INIT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com