Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 190 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 190 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 186Page - Advanced Micro Devices AMD-K6 Datasheet HTML 187Page - Advanced Micro Devices AMD-K6 Datasheet HTML 188Page - Advanced Micro Devices AMD-K6 Datasheet HTML 189Page - Advanced Micro Devices AMD-K6 Datasheet HTML 190Page - Advanced Micro Devices AMD-K6 Datasheet HTML 191Page - Advanced Micro Devices AMD-K6 Datasheet HTML 192Page - Advanced Micro Devices AMD-K6 Datasheet HTML 193Page - Advanced Micro Devices AMD-K6 Datasheet HTML 194Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 346 page
background image
172
Cache Organization
Chapter 8
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
The processor cache design takes advantage of a sectored
organization (See Figure 68). Each sector consists of 64 bytes
configured as two 32-byte cache lines. The two cache lines of a
sector share a common tag but have separate MESI (modified,
exclusive, shared, invalid) bits that track the state of each cache
line.
Instruction Cache Line
Data Cache Line
Note: Instruction-cache lines have only two coherency states (valid or invalid) rather than
the four MESI coherency states of data-cache lines. Only two states are needed for the
instruction cache because these lines are read-only.
Figure 68. Cache Sector Organization
8.1
MESI States in the Data Cache
The state of each line in the caches is tracked by the MESI bits.
The coherency of these states or MESI bits is maintained by
internal processor snoops and external inquiries by the system
logic. The following four states are defined for the data cache:
s
Modified—This line has been modified and is different from
main memory.
s
Exclusive—This line is not modified and is the same as main
memory. If this line is written to, it becomes Modified.
s
Shared—If a cache line is in the shared state it means that
the same line can exist in more than one cache system.
s
Invalid—The information in this line is not valid.
8.2
Predecode Bits
Decoding x86 instructions is particularly difficult because the
instructions vary in length, ranging from 1 to 15 bytes long.
Predecode logic supplies the predecode bits associated with
each instruction byte. The predecode bits indicate the number
Tag
Address
Cache Line 1
Byte 31 Predecode Bits
Byte 30 Predecode Bits
........
........
Byte 0 Predecode Bits 1 MESI Bit
Cache Line 2
Byte 31 Predecode Bits
Byte 30 Predecode Bits
........
........
Byte 0 Predecode Bits 1 MESI Bit
Tag
Address
Cache Line 1
Byte 31
Byte 30
........
........
Byte 0
2 MESI Bits
Cache Line 2
Byte 31
Byte 30
........
........
Byte 0
2 MESI Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com