Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 193 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 193 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 189Page - Advanced Micro Devices AMD-K6 Datasheet HTML 190Page - Advanced Micro Devices AMD-K6 Datasheet HTML 191Page - Advanced Micro Devices AMD-K6 Datasheet HTML 192Page - Advanced Micro Devices AMD-K6 Datasheet HTML 193Page - Advanced Micro Devices AMD-K6 Datasheet HTML 194Page - Advanced Micro Devices AMD-K6 Datasheet HTML 195Page - Advanced Micro Devices AMD-K6 Datasheet HTML 196Page - Advanced Micro Devices AMD-K6 Datasheet HTML 197Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 346 page
background image
Chapter 8
Cache Organization
175
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Table 29 describes how the CACHE# signal is driven based on
writeback cycles, the CI bit of TR12, unlocked memory reads,
and the PCD signal.
Cache-Related Signals
Complete descriptions of the signals that control cacheability
and cache coherency are given on the following pages:
s
CACHE#—page 90
s
EADS#—page 94
s
FLUSH#—page 97
s
HIT#—page 98
s
HITM#—page 98
s
INV—page 102
s
KEN#—page 103
s
PCD—page 107
s
PWT—page 109
s
WB/WT#—page 116
8.4
Cache Disabling
To completely disable all cache accesses, the CD and NW bits
must be set to 1 and the cache must be completely flushed.
There are two different methods for flushing the cache. The
first method relies on the system logic and the second relies on
software.
Table 29. CACHE# Signal Generation
Writeback
Cycle
CI Bit of TR12
Unlocked
Memory Reads
PCD Signal
CACHE#
1X
X
X
Low
01
1
High
High
00
1
High
High
01
0
High
High
00
0
High
High
01
1
Low
High
00
1
Low
Low
01
0
Low
High
00
0
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com