Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 197 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 197 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 193Page - Advanced Micro Devices AMD-K6 Datasheet HTML 194Page - Advanced Micro Devices AMD-K6 Datasheet HTML 195Page - Advanced Micro Devices AMD-K6 Datasheet HTML 196Page - Advanced Micro Devices AMD-K6 Datasheet HTML 197Page - Advanced Micro Devices AMD-K6 Datasheet HTML 198Page - Advanced Micro Devices AMD-K6 Datasheet HTML 199Page - Advanced Micro Devices AMD-K6 Datasheet HTML 200Page - Advanced Micro Devices AMD-K6 Datasheet HTML 201Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 346 page
background image
Chapter 8
Cache Organization
179
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Figure 69. Write Handling Control Register (WHCR)
The WAELIM field is 7 bits wide. This field, multiplied by 4
Mbytes, defines an upper memory limit. Any pending write
cycle that addresses memory below this limit causes the
processor to perform a write allocate. Write allocate is disabled
for memory accesses at and above this limit unless the
processor determines a pending write cycle is cacheable by
means of one of the other write allocate mechanisms—Write to
a Cacheable Page and Write to a Sector. The maximum value of
this memory limit is ((27 – 1) · 4 Mbytes) = 508 Mbytes. When all
the bits in this field are set to 0, all memory is above this limit
and this mechanism for allowing write allocate is effectively
disabled.
The Write Allocate Enable 15-to-16-Mbyte (WAE15M) bit is
used to enable write allocations for the memory write cycles
that address the 1 Mbyte of memory between 15 Mbytes and 16
Mbytes. This bit must be set to 1 to allow write allocate in this
memory area. This bit is provided to account for a small number
of uncommon memory-mapped I/O adapters that use this
particular memory address space. If the system contains one of
these peripherals, the bit should be set to 0. The WAE15M bit is
ignored if the value in the WAELIM field is set to less than 16
Mbytes.
By definition a write allocate is never performed in the memory
area between 640 Kbytes and 1 Mbyte unless the processor
determines a pending write cycle is cacheable by means of one
of the other write allocate mechanisms—Write to a Cacheable
Page and Write to a Sector. It is not considered safe to perform
71
0
63
Reserved
WAELIM
8
0
Note: Hardware RESET initializes this MSR to all zeros.
W
A
E
1
5
M
Symbol
Description
Bits
WCDE
Always program to 0
8
WAELIM
Write Allocate Enable Limit
7–1
WAE15M
Write Allocate Enable 15-to-16-Mbyte 0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com