Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 198 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 198 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 194Page - Advanced Micro Devices AMD-K6 Datasheet HTML 195Page - Advanced Micro Devices AMD-K6 Datasheet HTML 196Page - Advanced Micro Devices AMD-K6 Datasheet HTML 197Page - Advanced Micro Devices AMD-K6 Datasheet HTML 198Page - Advanced Micro Devices AMD-K6 Datasheet HTML 199Page - Advanced Micro Devices AMD-K6 Datasheet HTML 200Page - Advanced Micro Devices AMD-K6 Datasheet HTML 201Page - Advanced Micro Devices AMD-K6 Datasheet HTML 202Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 346 page
background image
180
Cache Organization
Chapter 8
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
write allocations between 640 Kbytes and 1 Mbyte (000A_0000h
to 000F_FFFFh) because it is considered a non-cacheable
region of memory.
Figure 70 shows the logic flow for all the mechanisms involved
with write allocate for memory bus cycles. The left side of the
diagram (the text) describes the conditions that need to be true
in order for the value of that line to be a 1. Items 1 to 3 of the
diagram are related to general cache operation and items 4 to
11 are related to the write allocate mechanisms.
Fo r mor e inf o r m a t i o n a b out wri t e all o c a te, see the
Implementation of Write Allocate in the K86™ Processors
Application Note, order# 21326.
Figure 70. Write Allocate Logic Mechanisms and Conditions
Descriptions of the
Logic Mechanisms
and Conditions
1. CD Bit of CR0—When the cache disable (CD) bit within
control register 0 (CR0) is set to 1, the cache fill mechanism
for both reads and writes is disabled, therefore write
allocate does not occur.
2. PCD Signal—When the PCD (page cache disable) signal is
driven High, caching for that page is disabled even if KEN#
is sampled asserted, therefore write allocate does not occur.
3. CI Bit of TR12—When the cache inhibit bit of Test Register
12 is set to 1, the L1 caches are disabled, therefore write
allocate does not occur.
4. Write to a Cacheable Page (CCR)—A write allocate is
performed if the processor knows that a page is cacheable.
The CCR is used to store the page address of the last cache
fill for a read miss. See “Write to a Cacheable Page” on page
178 for a detailed description of this condition.
1) CD Bit of CR0.
Perform
Write Allocate
3) CI Bit of TR12
2) PCD Signal
4) Write to Cacheable Page (CCR)
5) Write to a Sector
8) Between 640 Kbytes and 1 Mbyte
7) Less Than Limit (WAELIM)
9) Between 15–16 Mbytes
10) Write Allocate Enable 15–16 Mbyte (WAE15M)
6) WCDE Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com