| Electronic Components Datasheet Search |
|
AMD-K6 Datasheet(PDF) 200 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMD-K6 Datasheet(HTML) 200 Page - Advanced Micro Devices |
|
200 / 346 page ![]() 182 Cache Organization Chapter 8 AMD-K6® Processor Data Sheet 20695H/0—March 1998 Preliminary Information bus, the two cache-line fills typically appear as two 32-byte burst read cycles occurring back-to-back or, if allowed, as pipeli ned cy c l es. Th e burs t read cy c l es do not oc cur back-to-back (wait states occur) if the processor is not ready to start a new cycle, if higher priority data read or write requests exist, or if NA# (next address) was sampled negated. Wait states can also exist between burst cycles if the processor samples AHOLD or BOFF# asserted. 8.9 Cache States Table 30 shows all the possible cache-line states before and after program-generated accesses to individual cache lines. The table includes the correspondence between MESI states and writethrough or writeback states for lines in the data cache. Table 30. Data Cache States for Read and Write Accesses Type Cache State Before Access Access Type1 Cache State After Access MESI State Writeback Writethrough State Cache Read Read Miss invalid single read invalid – invalid burst read2 (cacheable) shared or exclusive3 writethrough or writeback3 Read Hit shared – shared writethrough exclusive – exclusive writeback modified – modified writeback Cache Write Write Miss invalid single write4 invalid – Write Hit shared cache update and single write shared or exclusive3 writethrough or writeback3 exclusive or modified cache update modified writeback Notes: 1. Single read, single write, cache update, and writethrough = 1 to 8 bytes. Line fill = 32-byte burst read. 2. If CACHE# is driven Low and KEN# is sampled asserted. 3. If PWT is driven Low and WB/WT# is sampled High, the line is cached in the exclusive (writeback) state. 4. A write cycle occurs only if the write allocate conditions as specified in “Write Allocate” on page 177 are not met. – Not applicable or none. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |