| Electronic Components Datasheet Search |
|
AMD-K6 Datasheet(PDF) 204 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMD-K6 Datasheet(HTML) 204 Page - Advanced Micro Devices |
|
204 / 346 page ![]() 186 Cache Organization Chapter 8 AMD-K6® Processor Data Sheet 20695H/0—March 1998 Preliminary Information Cache Snooping Table 32 shows the conditions under which snooping occurs in the AMD-K6 processor and the resources that are snooped. Table 32. Snoop Action Type of Event Type of Access Snooping Action Instruction Cache Data Cache Inquire Cycle System Logic yes1 yes1 Internal Snoop Instruction Cache Read Miss – yes2 Read Hit –no Data Cache Read Miss yes3 – Read Hit no – Write Miss yes3 – Write Hit no – Notes: 1. The processor’s response to an inquire cycle depends on the state of the INV input signal and the state of the cache line as follows: For the instruction cache, if INV is sampled negated, the line remains invalid or valid, but if INV is sampled asserted, the line is invalidated. For the data cache, if INV is sampled negated, valid lines remain in or transition to the shared state, a modified data cache line is written back before the line is marked shared (with HITM# asserted), and invalid lines remain invalid. For the data cache, if INV is sampled asserted, the line is marked invalid. Modified lines are written back before invalidation. 2. If an internal snoop hits a modified line in the data cache, the line is written back and invalidated. Then the instruction cache performs a burst read from memory. 3. If an internal snoop hits a line in the instruction cache, the instruction cache line is invalidated and the data-cache read or write is performed from memory. – Not applicable. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |