Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 207 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 207 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 203Page - Advanced Micro Devices AMD-K6 Datasheet HTML 204Page - Advanced Micro Devices AMD-K6 Datasheet HTML 205Page - Advanced Micro Devices AMD-K6 Datasheet HTML 206Page - Advanced Micro Devices AMD-K6 Datasheet HTML 207Page - Advanced Micro Devices AMD-K6 Datasheet HTML 208Page - Advanced Micro Devices AMD-K6 Datasheet HTML 209Page - Advanced Micro Devices AMD-K6 Datasheet HTML 210Page - Advanced Micro Devices AMD-K6 Datasheet HTML 211Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 346 page
background image
Chapter 9
Floating-Point and Multimedia Execution Units
189
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
9
Floating-Point and Multimedia Execution Units
9.1
Floating-Point Execution Unit
The AMD-K6 processor contains an IEEE 754-compatible and
854-compatible floating-point execution unit designed to
accelerate the performance of software that utilizes the x86
floating-point instruction set. Floating-point software is
typically written to manipulate numbers that are very large or
very small, that require a high degree of precision, or that result
fr om
c o mple x
mat h em atical
oper ations
suc h
a s
transce ndentals. Applic ations t hat t a ke adva ntage of
floating-point operations include geometric calculations for
graphics acceleration, scientific, statistical, and engineering
applications, and business applications that use large amounts
of high-precision data.
The high-performance floating-point execution unit contains an
adder unit, a multiplier unit, and a divide/square root unit.
These low-latency units can execute floating-point instructions
in as few as two processor clocks. To increase performance, the
proce sso r is de sig n ed to simu l ta n eo usly de code mo st
floating-point instructions with most short-decodeable
instructions.
See “Software Environment” on page 21 for a description of the
floating-point data types, registers, and instructions.
Handling
Floating-Point
Exceptions
The AMD-K6 processor provides the following two types of
exception handling for floating-point exceptions:
s
If the numeric error (NE) bit in CR0 is set to 1, the processor
invokes the interrupt 10h handler. In this manner, the
floating-point exception is completely handled by software.
s
If the NE bit in CR0 is set to 0, the processor requires
external logic to generate an interrupt on the INTR signal in
order to handle the exception.
External Logic
Support of
Floating-Point
Exceptions
The processor provides the FERR# (Floating-Point Error) and
IGNNE# (Ignore Numeric Error) signals to allow the external
logic to generate the interrupt in a manner consistent with
IBM-compatible PC/AT systems. The assertion of FERR#
indicates the occurrence of an unmasked floating-point
exception resulting from the execution of a floating-point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com