Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 211 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 211 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 207Page - Advanced Micro Devices AMD-K6 Datasheet HTML 208Page - Advanced Micro Devices AMD-K6 Datasheet HTML 209Page - Advanced Micro Devices AMD-K6 Datasheet HTML 210Page - Advanced Micro Devices AMD-K6 Datasheet HTML 211Page - Advanced Micro Devices AMD-K6 Datasheet HTML 212Page - Advanced Micro Devices AMD-K6 Datasheet HTML 213Page - Advanced Micro Devices AMD-K6 Datasheet HTML 214Page - Advanced Micro Devices AMD-K6 Datasheet HTML 215Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 346 page
background image
Chapter 10
System Management Mode (SMM)
193
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
10
System Management Mode (SMM)
10.1
Overview
SMM is an alternate operating mode entered by way of a system
management interrupt (SMI#) and handled by an interrupt
service routine. SMM is designed for system control activities
s u ch as pow e r manag e ment. Th e s e activi tie s appear
transparent to conventional operating systems like DOS and
Windows. SMM is primarily targeted for use by the Basic Input
Output System (BIOS) and specialized low-level device drivers.
The code and data for SMM are stored in the SMM memory
area, which is isolated from main memory.
The processor enters SMM by the system logic’s assertion of the
SMI# interrupt and the processor’s acknowledgment by the
assertion of SMIACT#. At this point the processor saves its state
into the SMM memory state-save area and jumps to the SMM
service routine. The processor returns from SMM when it
executes the RSM (resume) instruction from within the SMM
service routine. Subsequently, the processor restores its state
from the SMM save area, negates SMIACT#, and resumes
execution with the instruction following the point where it
entered SMM.
The following sections summarize the SMM state-save area,
entry into and exit from SMM, exceptions and interrupts in
SMM, memory allocation and addressing in SMM, and the SMI#
and SMIACT# signals.
10.2
SMM Operating Mode and Default Register Values
The software environment within SMM has the following
characteristics:
s
Addressing and operation in Real mode
s
4-Gbyte segment limits
s
Default 16-bit operand, address, and stack sizes, although
instruction prefixes can override these defaults
s
Control transfers that do not override the default operand
size truncate the EIP to 16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com