Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 209 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 209 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 205Page - Advanced Micro Devices AMD-K6 Datasheet HTML 206Page - Advanced Micro Devices AMD-K6 Datasheet HTML 207Page - Advanced Micro Devices AMD-K6 Datasheet HTML 208Page - Advanced Micro Devices AMD-K6 Datasheet HTML 209Page - Advanced Micro Devices AMD-K6 Datasheet HTML 210Page - Advanced Micro Devices AMD-K6 Datasheet HTML 211Page - Advanced Micro Devices AMD-K6 Datasheet HTML 212Page - Advanced Micro Devices AMD-K6 Datasheet HTML 213Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 346 page
background image
Chapter 9
Floating-Point and Multimedia Execution Units
191
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
9.2
Multimedia Execution Unit
The multimedia execution unit of the AMD-K6 processor is
designed to accelerate the performance of software written
using the industry-standard MMX instructions. Applications
that can take advantage of the MMX instructions include
graphics, video and audio compression and decompression,
speech recognition, and telephony applications.
The multimedia execution unit can execute MMX instructions
in a single processor clock. To increase performance, the
processor is designed to simultaneously decode all MMX
instructions with most other instructions.
For more information on MMX instructions, refer to AMD-K6®
Processor Multimedia Technology, order# 20726.
9.3
Floating-Point and MMX™ Instruction Compatibility
Registers
T h e eight 64-bit MMX r egister s ar e mappe d on t h e
floating-point stack. This enables backward compatibility with
all existing software. For example, the register saving event
that is performed by operating systems during task switching
requires no changes to the operating system. The same support
provided in an operating system’s interrupt 7 handler (Device
Not Available) for saving and restoring the floating-point
registers also supports saving and restoring the MMX registers.
Exceptions
There are no new exceptions defined for supporting the MMX
instructions. All exceptions that occur while decoding or
executing an MMX instruction are handled in existing
exception handlers without modification.
FERR# and IGNNE#
MMX instructions do not generate floating-point exceptions.
However, if an unmasked floating-point exception is pending,
the processor asserts FERR# at the instruction boundary of the
next floating-point instruction, MMX instruction, or WAIT
instruction.
The sampling of IGNNE# asserted only affects processor
ope rat io n during t h e e x ec ut ion of an er ro r-sensi t ive
floating-poin t instru ct io n, MMX inst ruct io n, or WAIT
instruction when the NE bit in CR0 is set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com