Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 212 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 212 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 208Page - Advanced Micro Devices AMD-K6 Datasheet HTML 209Page - Advanced Micro Devices AMD-K6 Datasheet HTML 210Page - Advanced Micro Devices AMD-K6 Datasheet HTML 211Page - Advanced Micro Devices AMD-K6 Datasheet HTML 212Page - Advanced Micro Devices AMD-K6 Datasheet HTML 213Page - Advanced Micro Devices AMD-K6 Datasheet HTML 214Page - Advanced Micro Devices AMD-K6 Datasheet HTML 215Page - Advanced Micro Devices AMD-K6 Datasheet HTML 216Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 346 page
background image
194
System Management Mode (SMM)
Chapter 10
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
s
Far jumps or calls cannot transfer control to a segment with
a base address requiring more than 20 bits, as in Real mode
segment-base addressing
s
A20M# is masked
s
Interrupt vectors use the Real-mode interrupt vector table
s
The IF flag in EFLAGS is cleared (INTR not recognized)
s
The TF flag in EFLAGS is cleared
s
The NMI and INIT interrupts are disabled
s
Debug register DR7 is cleared (debug traps disabled)
Figure 72 on page 195 shows the default map of the SMM
me mo ry a rea . I t c o nsis ts o f a 64 -K by t e area, bet wee n
0003_0000h and 0003_FFFFh, of which the top 32 Kbytes
(0003_8000h to 0003_FFFFh) must be populated with RAM.
The default code-segment (CS) base address for the area —
called the SMM base address — is at 0003_0000h. The top 512
bytes (0003_FE00h to 0003_FFFFh) contain a fill-down SMM
state-save area. The default entry point for the SMM service
routine is 0003_8000h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com