Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 213 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 213 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 209Page - Advanced Micro Devices AMD-K6 Datasheet HTML 210Page - Advanced Micro Devices AMD-K6 Datasheet HTML 211Page - Advanced Micro Devices AMD-K6 Datasheet HTML 212Page - Advanced Micro Devices AMD-K6 Datasheet HTML 213Page - Advanced Micro Devices AMD-K6 Datasheet HTML 214Page - Advanced Micro Devices AMD-K6 Datasheet HTML 215Page - Advanced Micro Devices AMD-K6 Datasheet HTML 216Page - Advanced Micro Devices AMD-K6 Datasheet HTML 217Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 346 page
background image
Chapter 10
System Management Mode (SMM)
195
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Figure 72. SMM Memory
Table 33 shows the initial state of registers when entering SMM.
SMM
State-Save
Area
SMM Base Address (CS)
Service Routine Entry Point
Fill Down
SMM
Service Routine
32-Kbyte
Minimum RAM
0003_8000h
0003_FE00h
0003_FFFFh
0003_0000h
Table 33. Initial State of Registers in SMM
Registers
SMM Initial State
General Purpose Registers
unmodified
EFLAGs
0000_0002h
CR0
PE, EM, TS, and PG are cleared (bits 0, 2, 3,
and 31). The other bits are unmodified.
DR7
0000_0400h
GDTR, LDTR, IDTR, TSSR, DR6
unmodified
EIP
0000_8000h
CS
0003_0000h
DS, ES, FS, GS, SS
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com