Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 196 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 196 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 192Page - Advanced Micro Devices AMD-K6 Datasheet HTML 193Page - Advanced Micro Devices AMD-K6 Datasheet HTML 194Page - Advanced Micro Devices AMD-K6 Datasheet HTML 195Page - Advanced Micro Devices AMD-K6 Datasheet HTML 196Page - Advanced Micro Devices AMD-K6 Datasheet HTML 197Page - Advanced Micro Devices AMD-K6 Datasheet HTML 198Page - Advanced Micro Devices AMD-K6 Datasheet HTML 199Page - Advanced Micro Devices AMD-K6 Datasheet HTML 200Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 346 page
background image
178
Cache Organization
Chapter 8
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
to the write-allocated cache line. Due to the nature of software,
memory accesses tend to occur in proximity of each other
(principle of locality). The likelihood of additional write hits to
the write-allocated cache line is high.
The following is a description of three mechanisms by which the
AMD-K6 processor performs write allocations. A write allocate
is performed when any one or more of these mechanisms
indicates that a pending write is to a cacheable area of memory.
Write to a Cacheable
Page
Every time the processor performs a cache line fill, the address
of the page in which the cache line resides is saved in the
Cacheability Control Register (CCR). The page address of
subsequent write cycles is compared with the page address
stored in the CCR. If the two addresses are equal, then the
processor performs a write allocate because the page has
already been determined to be cacheable.
When the processor performs a cache line fill from a different
page than the address saved in the CCR, the CCR is updated
with the new page address.
Write to a Sector
If the address of a pending write cycle matches the tag address
of a valid cache sector, but the addressed cache line within the
sector is marked invalid (a sector hit but a cache line miss),
then the processor performs a write allocate. The pending write
cycle is determined to be cacheable because the sector hit
indicates the presence of at least one valid cache line in the
sector. The two cache lines within a sector are guaranteed by
design to be within the same page.
Write Allocate Limit
The Write Handling Control Register (WHCR) is a MSR that
contains three fields — the WCDE bit, the Write Allocate
Enable Limit (WAELIM) field, and the Write Allocate Enable
15-to-16-Mbyte (WAE15M) bit (See Figure 69 on page 179).
For proper functionality, always program the WCDE bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com