Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 192 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 192 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 188Page - Advanced Micro Devices AMD-K6 Datasheet HTML 189Page - Advanced Micro Devices AMD-K6 Datasheet HTML 190Page - Advanced Micro Devices AMD-K6 Datasheet HTML 191Page - Advanced Micro Devices AMD-K6 Datasheet HTML 192Page - Advanced Micro Devices AMD-K6 Datasheet HTML 193Page - Advanced Micro Devices AMD-K6 Datasheet HTML 194Page - Advanced Micro Devices AMD-K6 Datasheet HTML 195Page - Advanced Micro Devices AMD-K6 Datasheet HTML 196Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 346 page
background image
174
Cache Organization
Chapter 8
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
The operating system can control the cacheability of a page.
The paging mechanism is controlled by CR3, the Page Directory
Entry (PDE), and the Page Table Entry (PTE). Within CR3,
PDE, and PTE are Page Cache Disable (PCD) and Page
Writethrough (PWT) bits. The values of the PCD and PWT bits
used in Table 27 through Table 29 are taken from either the PTE
or PDE. For more information see the descriptions of PCD and
PWT on pages 107 and 109, respectively.
Table 27 through Table 29 describe the logic that determines
the cacheability of a cycle and how that cacheability is affected
by the PCD bits, the PWT bits, the PG bit of CR0, the CD bit of
CR0, writeback cycles, the Cache Inhibit (CI) bit of Test
Register 12 (TR12), and unlocked memory reads.
Table 27 describes how the PWT signal is driven based on the
values of the PWT bits and the PG bit of CR0.
Table 28 describes how the PCD signal is driven based on the
values of the CD bit of CR0, the PCD bits, and the PG bit of
CR0.
Table 27. PWT Signal Generation
PWT Bit*
PG Bit of CR0
PWT Signal
11
High
01
Low
10
Low
00
Low
Note:
* PWT is taken from PTE or PDE
Table 28. PCD Signal Generation
CD Bit of CR0
PCD Bit*
PG Bit of CR0
PCD Signal
1XX
High
011
High
001
Low
010
Low
000
Low
Note:
* PCD is taken from PTE or PDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com