Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 14Page - Texas Instruments AFE5807 Datasheet HTML 15Page - Texas Instruments AFE5807 Datasheet HTML 16Page - Texas Instruments AFE5807 Datasheet HTML 17Page - Texas Instruments AFE5807 Datasheet HTML 18Page - Texas Instruments AFE5807 Datasheet HTML 19Page - Texas Instruments AFE5807 Datasheet HTML 20Page - Texas Instruments AFE5807 Datasheet HTML 21Page - Texas Instruments AFE5807 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 75 page
background image
1
2
3
4
5
6
7
8
9
10
50
100
150
200
250
300
350
400
Source Impedence (
Ω)
100 ohm act term
200 ohm act term
400 ohm act term
Without Termination
G001
55
60
65
70
75
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Vcntl (V)
24 dB PGA gain
30 dB PGA gain
G001
57
59
61
63
65
67
69
71
73
0
3
6
9
12 15 18 21 24 27 30 33 36 39 42
Gain (dB)
Low noise
Def power
G001
AFE5807
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 30. SNR vs. Different PGA Gain (Low Power Mode)
Figure 31. SNR vs. Different Power Modes
Figure 32. Noise Figure, LNA = 18dB and Low Power Mode
Figure 33. Noise Figure, LNA = 12dB and Low Power Mode
18
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com