Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 18Page - Texas Instruments AFE5807 Datasheet HTML 19Page - Texas Instruments AFE5807 Datasheet HTML 20Page - Texas Instruments AFE5807 Datasheet HTML 21Page - Texas Instruments AFE5807 Datasheet HTML 22Page - Texas Instruments AFE5807 Datasheet HTML 23Page - Texas Instruments AFE5807 Datasheet HTML 24Page - Texas Instruments AFE5807 Datasheet HTML 25Page - Texas Instruments AFE5807 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
2000.0
4000.0
6000.0
8000.0
10000.0
12000.0
14000.0
16000.0
18000.0
20000.0
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Time (µs)
Output Code
Vcntl
−85.0
−75.0
−65.0
−55.0
−45.0
−35.0
−25.0
−15.0
5
10
100
1000 2000
Supply frequency (kHz)
Vcntl = 0
Vcntl = 0.3
Vcntl = 0.6
Vcntl = 0.9
G001
−85.0
−80.0
−75.0
−70.0
−65.0
−60.0
−55.0
5
10
100
1000 2000
Supply frequency (kHz)
Vcntl = 0
Vcntl = 0.3
Vcntl = 0.6
Vcntl = 0.9
G001
−85.0
−80.0
−75.0
−70.0
−65.0
−60.0
−55.0
5
10
100
1000 2000
Supply frequency (kHz)
Vcntl = 0
Vcntl = 0.3
Vcntl = 0.6
Vcntl = 0.9
G001
−70
−66
−62
−58
−54
−50
14
18
22
26
30
34
38
42
Gain (dB)
Fin1=2MHz, Fin2=2.01MHz
Fin1=5MHz, Fin2=5.01MHz
G001
−70.0
−65.0
−60.0
−55.0
5
10
100
1000 2000
Supply frequency (kHz)
Vcntl = 0
Vcntl = 0.3
Vcntl = 0.6
Vcntl = 0.9
G001
AFE5807
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 46. IMD3, Fout1 = -7dBFS and Fout2 = -7dBFS
Figure 47. AVDD Power Supply Modulation Ratio, 100 mVpp
Supply Noise with Different Frequencies
Figure 48. AVDD_5V Power Supply Modulation Ratio, 100
Figure 49. AVDD Power Supply Rejection Ratio, 100 mVpp
mVpp Supply Noise with Different Frequencies
Supply Noise with Different Frequencies
Figure 50. AVDD_5V Power Supply Rejection Ratio,
Figure 51. VCNTL Response Time, LNA = 18dB and PGA =
100mVpp Supply Noise with Different Frequencies
24dB
22
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com