Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 65Page - Texas Instruments AFE5807 Datasheet HTML 66Page - Texas Instruments AFE5807 Datasheet HTML 67Page - Texas Instruments AFE5807 Datasheet HTML 68Page - Texas Instruments AFE5807 Datasheet HTML 69Page - Texas Instruments AFE5807 Datasheet HTML 70Page - Texas Instruments AFE5807 Datasheet HTML 71Page - Texas Instruments AFE5807 Datasheet HTML 72Page - Texas Instruments AFE5807 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
AFE5807
www.ti.com
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
High-speed mixed signal devices are sensitive to various types of noise coupling. One primary source of noise is
the switching noise from the serializer and the output buffer/drivers. For the AFE5807, care has been taken to
ensure that the interaction between the analog and digital supplies within the device is kept to a minimal amount.
The extent of noise coupled and transmitted from the digital and analog sections depends on the effective
inductances of each of the supply and ground connections. Smaller effective inductance of the supply and
ground pins leads to improved noise suppression. For this reason, multiple pins are used to connect each supply
and ground sets. It is important to maintain low inductance properties throughout the design of the PCB layout by
use of proper planes and layer thickness.
BOARD LAYOUT
Proper grounding and bypassing, short lead length, and the use of ground and power-supply planes are
particularly important for high-frequency designs. Achieving optimum performance with a high-performance
device such as the AFE5807 requires careful attention to the PCB layout to minimize the effects of board
parasitics and optimize component placement. A multilayer PCB usually ensures best results and allows
convenient component placement. In order to maintain proper LVDS timing, all LVDS traces should follow a
controlled impedance design. In addition, all LVDS trace lengths should be equal and symmetrical; it is
recommended to keep trace length variations less than 150 mil (0.150 in or 3.81 mm).
To avoid noise coupling through supply pins, it is recommended to keep sensitive input pins, such as
INM, INP, ACT pins away from the AVDD 3.3 V, AVDD_5V, AVDD_ADC, DVDD, DVDD_LDO1/2, and other
noise supply planes. For example, either the traces or vias connected to these pins should not be routed
across the these power supply planes. In addition, appropriate delay matching should be considered for the
CW clock path, especially in systems with high channel count. For example, if clock delay is half of the 16x clock
period, a phase error of 22.5°C could exist. Thus the timing delay difference among channels contributes to the
beamformer accuracy.
Additional details on BGA PCB layout techniques can be found in the Texas Instruments Application Report
MicroStar BGA Packaging Reference Guide (SSYZ015B), which can be downloaded from www.ti.com .
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
69
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com