Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 67 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 63Page - Texas Instruments AFE5807 Datasheet HTML 64Page - Texas Instruments AFE5807 Datasheet HTML 65Page - Texas Instruments AFE5807 Datasheet HTML 66Page - Texas Instruments AFE5807 Datasheet HTML 67Page - Texas Instruments AFE5807 Datasheet HTML 68Page - Texas Instruments AFE5807 Datasheet HTML 69Page - Texas Instruments AFE5807 Datasheet HTML 70Page - Texas Instruments AFE5807 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 75 page
background image
AFE5807
www.ti.com
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
Complete Power-Down Mode
To achieve the lowest power dissipation of 0.7 mW/CH, the AFE5807 can be placed into a complete power-down
mode. This mode is controlled through the registers ADC_COMPLETE_PDN, VCA_COMPLETE_PDN or
PDN_GLOBAL pin. In the complete power-down mode, all circuits including reference circuits within the
AFE5807 are powered down; and the capacitors connected to the AFE5807 are discharged. The wake-up time
depends on the time needed to recharge these capacitors. The wake-up time depends on the time that the
AFE5807 spends in shutdown mode. 0.1
μF at INP and 15nF at INM can give a wake-up time close to 2.5ms
Power Saving in CW Mode
Usually only half the number of channels in a system are active in the CW mode. Thus the individual channel
control through ADC_PDN_CH <7:0> and VCA_PDN_CH <7:0> can power down unused channels and save
power consumption greatly. Under the default register setting in the CW mode, the voltage controlled attenuator,
PGA, and ADC are still active. During the debug phase, both the PW and CW paths can be running
simultaneously. In real operation, these blocks need to be powered down manually.
TEST MODES
The AFE5807 includes multiple test modes to accelerate system development. The ADC test modes have been
discussed in the register description section.
The VCA has a test mode in which the CH7 and CH8 PGA outputs can be brought to the CW pins. By monitoring
these PGA outputs, the functionality of VCA operation can be verified. The PGA outputs are connected to the
virtual ground pins of the summing amplifier (CW_IP_AMPINM/P, CW_QP_AMPINM/P) through 5K
Ω resistors.
The PGA outputs can be monitored at the summing amplifier outputs when the LPF capacitors CEXT are
removed. Note that the signals at the summing amplifier outputs are attenuated due to the 5K
Ω resistors. The
attenuation coefficient is RINT/EXT/5KΩ
If users would like to check the PGA outputs without removing CEXT, an alternative way is to measure the PGA
outputs directly at the CW_IP_AMPINM/P and CW_QP_AMPINM/P when the CW summing amplifier is powered
down
Some registers are related to this test mode. PGA Test Mode Enable: Reg59[9]; Buffer Amplifier Power Down
Reg59[8]; and Buffer Amplifier Gain Control Reg54[4:0]. Based on the buffer amplifier configuration, the registers
can be set in different ways:
Configuration 1:
In this configuration, the test outputs can be monitored at CW_AMPINP/M
•
Reg59[9]=1 ;Test mode enabled
•
Reg59[8]=0 ;Buffer amplifier powered down
Configuration 2:
In this configuration, the test outputs can be monitored at CW_OUTP/M
•
Reg59[9]=1 ;Test mode enabled
•
Reg59[8]=1 ;Buffer amplifier powered on
•
Reg54[4:0]=10H; Internal feedback 2K resistor enabled. Different values can be used as well
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com