Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 68 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 64Page - Texas Instruments AFE5807 Datasheet HTML 65Page - Texas Instruments AFE5807 Datasheet HTML 66Page - Texas Instruments AFE5807 Datasheet HTML 67Page - Texas Instruments AFE5807 Datasheet HTML 68Page - Texas Instruments AFE5807 Datasheet HTML 69Page - Texas Instruments AFE5807 Datasheet HTML 70Page - Texas Instruments AFE5807 Datasheet HTML 71Page - Texas Instruments AFE5807 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 75 page
background image
500 Ω
I/VSum
Amp
Cext
Rint/Rext
Rint/Rext
CW_OUTM
CW_OUTP
LNA
INP
INM
ACT
INPUT
CW_AMPINM
CW_AMPINP
Mixer
Clock
PGA_P
PGA_M
Cext
5 K
5K
500 Ω
S0504-01
AFE5807
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
www.ti.com
Figure 92. AFE5807 PGA Test Mode
POWER SUPPLY, GROUNDING AND BYPASSING
In a mixed-signal system design, power supply and grounding design plays a significant role. The AFE5807
distinguishes between two different grounds: AVSS(Analog Ground) and DVSS(digital ground). In most cases, it
should be adequate to lay out the printed circuit board (PCB) to use a single ground plane for the AFE5807.
Care should be taken that this ground plane is properly partitioned between various sections within the system to
minimize interactions between analog and digital circuitry. Alternatively, the digital (DVDD) supply set consisting
of the DVDD and DVSS pins can be placed on separate power and ground planes. For this configuration, the
AVSS and DVSS grounds should be tied together at the power connector in a star layout. In addition, optical
isolator or digital isolators, such as ISO7240, can separate the analog portion from the digital portion completely.
Consequently they prevent digital noise to contaminate the analog portion. Table 13 lists the related circuit blocks
for each power supply. The AFE5807 register settings are maintained when the AFE5807 is in either partial
power down mode or complete power down mode.
Table 14. Supply vs Circuit Blocks
Power Supply
Ground
Circuit Blocks
LNA, attenuator, PGA with current
clamp circuit and BPF, reference
AVDD (3.3VA)
AVSS
circuits, CW summing amplifier,
CW mixer, VCA SPI
LNA, CW clock circuits, reference
AVDD_5V (5VA)
AVSS
circuits
ADC analog and reference
AVDD_ADC (1.8VA)
AVSS
circuits
DVDD (1.8VD)
DVSS
LVDS and ADC SPI
All bypassing and power supplies for the AFE5807 should be referenced to their corresponding ground planes.
All supply pins should be bypassed with 0.1µF ceramic chip capacitors (size 0603 or smaller). In order to
minimize the lead and trace inductance, the capacitors should be located as close to the supply pins as possible.
Where double-sided component mounting is allowed, these capacitors are best placed directly under the
package. In addition, larger bipolar decoupling capacitors 2.2µF to 10µF, effective at lower frequencies) may also
be used on the main supply pins. These components can be placed on the PCB in proximity (< 0.5 in or 12.7
mm) to the AFE5807 itself.
The AFE5807 has a number of reference supplies needed to be bypassed, such CM_BYP, VHIGH, and
VREF_IN. These pins should be bypassed with at least 1µF; higher value capacitors can be used for better low-
frequency noise suppression. For best results, choose low-inductance ceramic chip capacitors (size 0402, > 1µF)
and place them as close as possible to the device pins.
68
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com