Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 2Page - Texas Instruments AFE5807 Datasheet HTML 3Page - Texas Instruments AFE5807 Datasheet HTML 4Page - Texas Instruments AFE5807 Datasheet HTML 5Page - Texas Instruments AFE5807 Datasheet HTML 6Page - Texas Instruments AFE5807 Datasheet HTML 7Page - Texas Instruments AFE5807 Datasheet HTML 8Page - Texas Instruments AFE5807 Datasheet HTML 9Page - Texas Instruments AFE5807 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
u
8CH_SNR
-
10
N
10
1
1
C
=
x
-
1CH_SNR
N + N
56
7
-
C
10
10
AFE5807
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
AVDD_5V = 5V, AVDD = 3.3V, AVDD_ADC = 1.8V, DVDD = 1.8V, AC-coupled with 0.1µF at INP and bypassed to ground
with 15nF at INM, No active termination, VCNTL= 0V, fIN = 5MHz, LNA = 18dB, PGA = 24dB, 12Bit, sample rate = 80MSPS,
LPF Filter = 15MHz, low power mode (default power mode), VOUT = –1dBFS, internal 500Ω CW feedback resistor, CMOS CW
clocks, ADC configured in internal reference mode, Single-ended VCNTL mode, VCNTLM = GND, at ambient temperature
TA = 25°C, unless otherwise noted. Min and max values are specified across full-temperature range with AVDD_5V = 5V,
AVDD = 3.3V, AVDD_ADC = 1.8V, DVDD = 1.8V
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
TGC FULL SIGNAL CHANNEL (LNA+VCAT+LPF+ADC)
Rs = 0
Ω, f = 2MHz, LNA = 24/18/12dB, PGA = 24dB
0.80/0.87/1.28
Input voltage noise over LNA Gain (low
nV/rtHz
noise mode)
Rs = 0
Ω, f = 2MHz,LNA = 24/18/12dB, PGA = 30dB
0.75/0.8/1.1
Rs = 0
Ω, f = 2MHz,LNA = 24/18/12dB, PGA = 24dB
1.12/1.2/1.47
Input voltage noise over LNA Gain (low
en (RTI)
nV/rtHz
power mode, i.e. default power mode)
Rs = 0
Ω, f = 2MHz, LNA = 24/18/12dB, PGA = 30dB
1.05/1.1/1.27
Rs = 0
Ω, f = 2MHz,LNA = 24/18/12dB, PGA = 24dB
1.01/1.1/1.35
Input Voltage Noise over LNA
nV/rtHz
Gain(Medium Power Mode)
Rs = 0
Ω, f = 2MHz, LNA = 24/18/12dB, PGA = 30dB
0.95/1.0/1.17
Input referred current noise
Low power mode/Medium power mode/Low noise mode
2/2.1/2.7
pA/rtHz
Rs = 200
Ω, 200Ω active termination, PGA = 24dB,LNA = 12/18/24dB
4.5/2.95/2.1
dB
Rs = 100
Ω, 100Ω active termination, PGA = 24dB,LNA = 12/18/24dB
6.5/4.3/3.3
dB
Rs = 200
Ω, 200Ω Active Termination , PGA = 24dB,
NF
Noise figure
3.85/2.4/1.8
dB
LNA = 12/18/24dB Low noise mode
Rs = 100
Ω, 100Ω Active Termination , PGA=24dB,LNA =
5.3/3.6/3.1
dB
12/18/24dB Low noise mode
VMAX
Maximum Linear Input Voltage
LNA gain = 24/18/12dB
250/500/1000
mVpp
VCLAMP
Clamp Voltage
Reg52[10:9] = 0, LNA = 24/18/12dB
350/600/1150
Low noise mode
24/30
PGA Gain
dB
Medium/Low or default power mode
24/28.5
LNA = 24dB, PGA = 30dB, Low noise mode
54
Total gain
LNA = 24dB, PGA = 30dB, Med power mode
52.5
dB
LNA = 24dB, PGA = 30dB, Low power mode (default power mode)
52.5
Ch-CH Noise Correlation Factor without
Summing of 8 channels
0
Signal
(1)
Full band (VCNTL = 0/0.8)
0.1/0.2
Ch-CH Noise Correlation Factor with
Signal
(1)
1MHz band over carrier (VCNTL= 0/0.8)
0.1/0.78
VCNTL= 0.6V (22 dB total channel gain)
64
66.3
VCNTL= 0, LNA = 18dB, PGA = 24dB
57
59.7
VCNTL= 0, LNA = 24dB, PGA = 24dB
54.7
Signal to Noise Ratio (SNR)
dBFS
VCNTL = 0.6V (22 dB total channel gain) Low Noise mode
67.5
VCNTL = 0, LNA = 18dB, PGA = 24dB Low Noise mode
62.5
VCNTL = 0, LNA = 24dB, PGA = 24dB Low Noise mode
58
SNR over 2MHz band around carrier at VCNTL = 0.6V ( 22dB total gain)
73
76
dBFS
Narrow Band SNR
SNR over 2MHz band around carrier at VCNTL = 0.6V ( 22dB total gain)
77
dBFS
Low Noise mode
Input Common-mode Voltage
At INP and INM pins
2.4
V
8
k
Ω
Input resistance
Preset active termination enabled
50/100/200/400
Ω
Input capacitance
20
pF
Input Control Voltage
VCNTLP-VCNTLM
0
1.5
V
Common-mode voltage
VCNTLP and VCNTLM
0.75
V
Gain Range
-40
dB
Gain Slope
VCNTL= 0.1V to 1.1V
35
dB/V
Input Resistance
Between VCNTLP and VCNTLM
200
K
Ω
Input Capacitance
Between VCNTLP and VCNTLM
1
pF
TGC Response Time
VCNTL= 0V to 1.5V step function
1.5
µs
(1)
Noise correlation factor is defined as Nc/(Nu+Nc), where Nc is the correlated noise power in single channel; and Nu is the uncorrelated
noise power in single channel. Its measurement follows the below equation, in which the SNR of single channel signal and the SNR of
summed eight channel signal are measured.
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com