Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 5Page - Texas Instruments AFE5807 Datasheet HTML 6Page - Texas Instruments AFE5807 Datasheet HTML 7Page - Texas Instruments AFE5807 Datasheet HTML 8Page - Texas Instruments AFE5807 Datasheet HTML 9Page - Texas Instruments AFE5807 Datasheet HTML 10Page - Texas Instruments AFE5807 Datasheet HTML 11Page - Texas Instruments AFE5807 Datasheet HTML 12Page - Texas Instruments AFE5807 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
AFE5807
www.ti.com
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS (continued)
AVDD_5V = 5V, AVDD = 3.3V, AVDD_ADC = 1.8V, DVDD = 1.8V, AC-coupled with 0.1µF at INP and bypassed to ground
with 15nF at INM, No active termination, VCNTL= 0V, fIN = 5MHz, LNA = 18dB, PGA = 24dB, 12Bit, sample rate = 80MSPS,
LPF Filter = 15MHz, low power mode (default power mode), VOUT = –1dBFS, internal 500Ω CW feedback resistor, CMOS CW
clocks, ADC configured in internal reference mode, Single-ended VCNTL mode, VCNTLM = GND, at ambient temperature
TA = 25°C, unless otherwise noted. Min and max values are specified across full-temperature range with AVDD_5V = 5V,
AVDD = 3.3V, AVDD_ADC = 1.8V, DVDD = 1.8V
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
CW SUMMING AMPLIFIER
VCMO
Common-mode voltage
Summing amplifier inputs/outputs
1.5
V
Summing amplifier output
4
Vpp
100Hz
2
nV/rtHz
Input referred voltage noise
1kHz
1.2
nV/rtHz
2KHz-100MHz
1
nV/rtHz
Input referred current noise
2.5
pA/rtHz
Unit gain bandwidth
200
MHz
Max output current
Linear operation range
20
mApp
ADC SPECIFICATIONS
Sample rate
10
80
MSPS
Signal-to-noise ratio
Idle channel SNR of ADC 12bit
70
dBFS
SNR
Idle channel SNR of ADC 14bit
72
dBFS
REFP
1.5
V
Internal reference mode
REFM
0.5
V
VREF_IN Voltage
1.4
V
External reference mode
VREF_IN Current
50
µA
ADC input full-scale range
2
Vpp
LVDS Rate
80MSPS at 12 bit
960
Mbps
POWER DISSIPATION
(4)
AVDD Voltage
3.15
3.3
3.6
V
AVDD_ADC Voltage
1.7
1.8
1.9
V
AVDD_5V Voltage
4.75
5
5.5
V
DVDD Voltage
1.7
1.8
1.9
V
TGC Default power mode (Low power), 80MSPS/12bit
117
148
TGC Default power mode (Low power), 65MSPS/12bit
109.5
Total power dissipation per channel
TGC medium power mode, 80MSPS/12bit
128.5
mW/CH
TGC mode Low noise mode, 80MSPS/12bit
159.5
TGC Default power mode (Low power), 40MSPS/12bit
97
TGC low noise mode, no signal
99
130
TGC medium power mode, no signal
126
TGC low noise mode, no signal
202
CW-mode, no signal
147
170
AVDD (3.3V) Current
mA
TGC low noise mode, 500mVpp Input,1% duty cycle
210
TGC medium power mode, 500mVpp Input, 1% duty cycle
133
TGC default power mode (low power), 500mVpp Input, 1% duty cycle
105
CW-mode, 500mVpp Input
375
TGC mode no signal
25
37
CW Mode no signal, 16X clock = 32MHz
32
AVDD_5V Current
mA
TGC mode, 500 mVpp Input,1% duty cycle
25
CW-mode, 500 mVpp Input, low noise mode
42.5
TGC low noise mode, no signal
99
TGC medium power mode, no signal
68
TGC low power mode, no signal
56.5
77
VCA Power dissipation
mW/CH
TGC low noise mode, 500 mVpp input,1% duty cycle
102.5
TGC medium power mode, 500 mVpp Input, 1% duty cycle
70.5
TGC low power mode (default power mode), 500 mVpp input,1% duty
59
cycle
(4)
The default power mode of the AFE5807 is low power mode.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com