Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 43 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 39Page - Texas Instruments AFE5807 Datasheet HTML 40Page - Texas Instruments AFE5807 Datasheet HTML 41Page - Texas Instruments AFE5807 Datasheet HTML 42Page - Texas Instruments AFE5807 Datasheet HTML 43Page - Texas Instruments AFE5807 Datasheet HTML 44Page - Texas Instruments AFE5807 Datasheet HTML 45Page - Texas Instruments AFE5807 Datasheet HTML 46Page - Texas Instruments AFE5807 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
I/V
LPF
V/I
CURRENT CLAMP
CURRENT CLAMP
DC Offset
Correction Loop
From attenuator
To ADC
AFE5807
www.ti.com
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
PROGRAMMABLE GAIN AMPLIFIER (PGA)
After the voltage controlled attenuator, a programmable gain amplifier can be configured as 24dB or 30dB with a
constant input referred noise of 1.75nV/rtHz. The PGA structure consists of a differential voltage-to-current
converter with programmable gain, current clamp( bias control) circuits, a transimpedance amplifier with a
programmable low-pass filter, and a DC offset correction circuit. Its simplified block diagram is shown below:
Figure 68. Simplified Block Diagram of PGA
Low input noise is always preferred in a PGA and its noise contribution should not degrade the ADC SNR too
much after the attenuator. At the minimum attenuation (used for small input signals), the LNA noise dominates; at
the maximum attenuation (large input signals), the PGA and ADC noise dominates. Thus 24dB gain of PGA
achieves better SNR as long as the amplified signals can exceed the noise floor of the ADC.
The PGA current clamp circuit can be enabled (register 51) to improve the overload recovery performance of the
AFE. If we measure the standard deviation of the output just after overload, for 0.5V VCNTL, it is about 3.2 LSBs
in normal case, i.e the output is stable in about 1 clock cycle after overload. With the current clamp circuit
disabled, the value approaches 4 LSBs meaning a longer time duration before the output stabilizes; however,
with the current clamp circuit enabled, there will be degradation in HD3 for PGA output levels > -2dBFS. For
example, for a –2dBFS output level, the HD3 degrades by approximately 3dB.the ADC in the AFE has excellent
overload recovery performance to detect small signals right after the overload. In order to maximize the output
dynamic range, the maximum PGA output level can be above 2Vpp even with the clamp circuit enabled; the ADC
in the AFE has excellent overload recovery performance to detect small signals right after the overload.
NOTE
In the low power and medium power modes, PGA_CLAMP is disabled for saving power if
51[7]=0
The AFE5807 integrates an anti-aliasing filter in the form of a programmable butterworth low-pass filter (LPF) in
the transimpedance amplifier . The LPF is designed as a differential, active, 3rd order filter with a typical 18dB
per octave roll-off. Programmable through the serial interface, the –1dB frequency corner can be set to one of
10MHz, 15MHz, 20MHz, and 30MHz. The filter bandwidth is set for all channels simultaneously.
A selectable DC offset correction circuit is implemented in the PGA as well. This correction circuit is similar to the
one used in the LNA. It extracts the DC component of the PGA outputs and feeds back to the PGA’s
complimentary inputs for DC offset correction. This DC offset correction circuit also has a high-pass response
with a cut-off frequency of 80KHz.
ANALOG TO DIGITAL CONVERTER
The analog-to-digital converter (ADC) of the AFE5807 employs a pipelined converter architecture that consists of
a combination of multi-bit and single-bit internal stages. Each stage feeds its data into the digital error correction
logic, ensuring excellent differential linearity and no missing codes at the 14-bit level. The 14 bits given out by
each channel are serialized and sent out on a single pair of pins in LVDS format. All eight channels of the
AFE5807 operate from a common input clock (CLKP/M). The sampling clocks for each of the eight channels are
generated from the input clock using a carefully matched clock buffer tree. The 14x clock required for the
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com