Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 1 Page - Texas Instruments

  AFE5807 Datasheet HTML 1Page - Texas Instruments AFE5807 Datasheet HTML 2Page - Texas Instruments AFE5807 Datasheet HTML 3Page - Texas Instruments AFE5807 Datasheet HTML 4Page - Texas Instruments AFE5807 Datasheet HTML 5Page - Texas Instruments AFE5807 Datasheet HTML 6Page - Texas Instruments AFE5807 Datasheet HTML 7Page - Texas Instruments AFE5807 Datasheet HTML 8Page - Texas Instruments AFE5807 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
AFE5807
www.ti.com
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer,
1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
Check for Samples: AFE5807
1
FEATURES
DESCRIPTION
The AFE5807 is an integrated Analog Front-End
•
8-Channel Complete Analog Front-End
(AFE) solution specifically designed for ultrasound
–
LNA, VCAT, PGA, LPF, ADC, and CW Mixer
systems in which high performance and small size
•
Programmable Gain Low-Noise Amplifier
are required. The AFE5807 integrates a complete
(LNA)
time-gain-control
(TGC)
imaging
path
and
a
continuous wave Doppler (CWD) path. It also enables
–
24/18/12 dB Gain
users
to
select
one
of
various
power/noise
–
0.25/0.5/1 VPP Linear Input Range
combinations
to
optimize
system
performance.
–
0.63/0.7/0.9 nV/rtHz IRN (Low Noise Mode)
Therefore, the AFE5807 is a suitable ultrasound
analog front end solution not only for high-end
–
0.99/1.0/1.05 nV/rtHz IRN (Low Power Mode)
systems, but also for portable systems.
–
Programmable Active Termination
The AFE5807 contains eight channels of voltage
•
40 dB Low Noise Voltage Controlled
controlled amplifier (VCA), 12-bit Analog-to-Digital
Attenuator (VCAT)
Converter (ADC), and CW mixer. The VCA includes
•
24/30 dB Programmable Gain Amplifier (PGA)
Low
noise
Amplifier
(LNA),
Voltage
controlled
•
3rd Order Linear Phase Low-Pass Filter (LPF)
Attenuator(VCAT),
Programmable
Gain
Amplifier
(PGA), and Low-Pass Filter (LPF). The LNA gain is
–
10, 15, 20, 30 MHz
programmable to support 250 mVPP to 1 VPP input
•
12-bit Analog to Digital Converter (ADC)
signals. Programmable active termination is also
–
70 dBFS SNR at 80 MSPS
supported by the LNA. The ultra-low noise VCAT
provides an attenuation control range of 40 dB and
–
LVDS Outputs
improves overall low gain SNR which benefits
•
Noise/Power Optimizations (Full Chain)
harmonic imaging and near field imaging. The PGA
–
117 mW/CH at 1.05 nV/rtHz, 80 MSPS
provides gain options of 24 dB and 30 dB. Before the
ADC, a LPF can be configured as 10 MHz, 15 MHz,
–
159 mW/CH at 0.75 nV/rtHz, 80 MSPS
20 MHz or 30 MHz to support ultrasound applications
–
80 mW/CH at CW Mode
with different frequencies. The high-performance 12
•
Excellent Device-to-Device Gain Matching
bit/80 MSPS ADC in the AFE5807 achieves 70 dBFS
SNR. It ensures excellent SNR at low chain gain. The
–
±0.5 dB(typical) and ±1 dB(max)
ADC’s
LVDS
outputs
enable
flexible
system
•
Low Harmonic Distortion
integration desired for miniaturized systems. The
•
Fast and Consistent Overload Recovery
AFE5807 also integrates a low power passive mixer
•
Passive Mixer for Continuous Wave
and a low noise summing amplifier to accomplish on-
chip CWD beamformer. 16 selectable phase-delays
Doppler(CWD)
can
be
applied
to
each
analog
input
signal.
–
Low Close-in Phase Noise –156 dBc/Hz at 1
Meanwhile a unique 3rd and 5th order harmonic
KHz off 2.5 MHz Carrier
suppression filter is implemented to enhance CW
–
Phase Resolution of 1/16
λ
sensitivity.
–
Support 16X, 8X, 4X and 1X CW Clocks
The AFE5807 is available in a 15mm × 9mm, 135-pin
–
12dB Suppression on 3rd and 5th Harmonics
BGA package and it is specified for operation from
0°C to 85°C. It is also pin-to-pin compatible to the
–
Flexible Input Clocks
AFE5808, AFE5803, and AFE5808A. In addtion,
•
Small Package: 15 mm x 9 mm, 135-BGA
AFE5809 is another member with enhanced digital
demodulation features in this family.
APPLICATIONS
•
Medical Ultrasound Imaging
•
Nondestructive Evaluation Equipments
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AFE5807

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5807 TI2-AFE5807 Datasheet
458Kb / 6P
AFE5816 16-Channel Ultrasound AFE With 90mW/Channel Power, 1nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC and Passive CW Mixer
MARCH 2024
AFE5807 TI2-AFE5807 Datasheet
462Kb / 6P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140mW/Channel Power, 0.75nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC, and Passive CW Mixer
MARCH 2024
AFE5807 TI2-AFE5807 Datasheet
1Mb / 75P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
REVISED MAY 2013
AFE5807 TI2-AFE5807 Datasheet
2Mb / 82P
ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
REVISED APRIL 2018
More results

Similar Description - AFE5807

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
AFE5808A TI1-AFE5808A Datasheet
1Mb / 66P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
VCA5807 TI-VCA5807 Datasheet
1Mb / 64P
Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5803 TI1-AFE5803_14 Datasheet
791Kb / 53P
Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5812 TI-AFE5812_15 Datasheet
2Mb / 109P
AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
AFE5818 TI-AFE5818_15 Datasheet
2Mb / 156P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140-mW/Channel Power, 0.75-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, and Passive CW Mixer
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com