Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 35 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 31Page - Texas Instruments AFE5807 Datasheet HTML 32Page - Texas Instruments AFE5807 Datasheet HTML 33Page - Texas Instruments AFE5807 Datasheet HTML 34Page - Texas Instruments AFE5807 Datasheet HTML 35Page - Texas Instruments AFE5807 Datasheet HTML 36Page - Texas Instruments AFE5807 Datasheet HTML 37Page - Texas Instruments AFE5807 Datasheet HTML 38Page - Texas Instruments AFE5807 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 75 page
background image
AFE5807
www.ti.com
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
VCA Register Map
Table 4. VCA Register Map
ADDRESS ADDRESS Default
FUNCTION
DESCRIPTION
(DEC)
(HEX)
Value
51[0]
0x33[0]
0
RESERVED
0
51[3:1]
0x33[3:1]
0
LPF_PROGRAMMABILITY
000: 15MHz,
010: 20MHz,
011: 30MHz,
100: 10MHz
51[4]
0x33[4]
0
PGA_INTEGRATOR_DISABLE
0: Enable
(PGA_HPF_DISABLE)
1: Disables offset integrator for PGA. Please see explanation
for the PGA integrator function in APPLICATION
INFORMATION section
51[7:5]
0x33[7:5]
0
PGA_CLAMP_LEVEL
Low power mode/medium power mode: 53[11:10]=00/10
100: –2 dBFS
110: 0 dBFS
0XX: Clamp is disabled
Low noise mode; 53[11:10]=01
000: –2 dBFS
010: 0 dBFS
1XX: clamp is disabled
Note: the clamp circuit makes sure that PGA output is in linear
range. For example, at 000 setting, PGA output HD3 will be
worsen by 3 dB at –2 dBFS ADC input. In normal operation,
clamp function can be set as 000 in the low noise mode. The
maximum PGA output level can exceed 2Vpp with the clamp
circuit enabled.
Note: in the low power and medium power modes,
PGA_CLAMP is disabled for saving power if 51[7]=0.
51[13]
0x33[13]
0
PGA_GAIN_CONTROL
0:24dB;
1:30dB.
52[4:0]
0x34[4:0]
0
ACTIVE_TERMINATION_
SeeTable 6 Reg 52[5] should be set as '1' to access these bits
INDIVIDUAL_RESISTOR_CNTL
52[5]
0x34[5]
0
ACTIVE_TERMINATION_
0: Disables;
INDIVIDUAL_RESISTOR_ENABLE
1: Enables internal active termination individual resistor control
52[7:6]
0x34[7:6]
0
PRESET_ACTIVE_ TERMINATIONS
00: 50ohm,
01: 100ohm,
10: 200ohm,
11: 400ohm.
(Note: the device will adjust resistor mapping (52[4:0])
automatically. 50ohm active termination is NOT supported in
12dB LNA setting. Instead, '00' represents high impedance
mode when LNA gain is 12dB)
52[8]
0x34[8]
0
ACTIVE TERMINATION ENABLE
0: Disables;
1: Enables active termination
52[10:9]
0x34[10:9]
0
LNA_INPUT_CLAMP_SETTING
00: Auto setting,
01: 1.5Vpp,
10: 1.15Vpp and
11: 0.6Vpp
52[11]
0x34[11]
0
RESERVED
Set to 0
52[12]
0x34[12]
0
LNA_INTEGRATOR_DISABLE
0: Enables;
(LNA_HPF_DISABLE)
1: Disables offset integrator for LNA. Please see the
explanation for this function in the following section
52[14:13]
0x34[14:1
0
LNA_GAIN
00: 18dB;
3]
01: 24dB;
10: 12dB;
11: Reserved
52[15]
0x34[15]
0
LNA_INDIVIDUAL_CH_CNTL
0: Disable;
1: Enable LNA individual channel control. See Register 57 for
details
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com