Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 44 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 40Page - Texas Instruments AFE5807 Datasheet HTML 41Page - Texas Instruments AFE5807 Datasheet HTML 42Page - Texas Instruments AFE5807 Datasheet HTML 43Page - Texas Instruments AFE5807 Datasheet HTML 44Page - Texas Instruments AFE5807 Datasheet HTML 45Page - Texas Instruments AFE5807 Datasheet HTML 46Page - Texas Instruments AFE5807 Datasheet HTML 47Page - Texas Instruments AFE5807 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
Sum Amp
with LPF
LNA1
Voltage to
Current
Converter
Sum Amp
with LPF
I-CH
Q-CH
I-CLK
Q-CLK
LNA8
Voltage to
Current
Converter
I-CH
Q-CH
I-CLK
Q-CLK
I-CH
Q-CH
Clock
Distribution
Circuits
1×
fcw CLK
N×
fcw CLK
AFE5807
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
www.ti.com
serializer is generated internally from the CLKP/M pins. A 7x and a 1x clock are also given out in LVDS format,
along with the data, to enable easy data capture. The AFE5807 operates from internally-generated reference
voltages that are trimmed to improve the gain matching across devices. The nominal values of REFP and REFM
are 1.5V and 0.5V, respectively. Alternately, the device also supports an external reference mode that can be
enabled using the serial interface.
Using serialized LVDS transmission has multiple advantages, such as a reduced number of output pins (saving
routing space on the board), reduced power consumption, and reduced effects of digital noise coupling to the
analog circuit inside the AFE5807.
CONTINUOUS-WAVE (CW) BEAMFORMER
Continuous-wave Doppler is a key function in mid-end to high-end ultrasound systems. Compared to the TGC
mode, the CW path needs to handle high dynamic range along with strict phase noise performance. CW
beamforming is often implemented in analog domain due to the mentioned strict requirements. Multiple
beamforming methods are being implemented in ultrasound systems, including passive delay line, active mixer,
and passive mixer. Among all of them, the passive mixer approach achieves optimized power and noise. It
satisfies the CW processing requirements, such as wide dynamic range, low phase noise, accurate gain and
phase matching.
A simplified CW path block diagram and an In-phase or Quadrature (I/Q) channel block diagram are illustrated
below respectively. Each CW channel includes a LNA, a voltage-to-current converter, a switch-based mixer, a
shared summing amplifier with a low-pass filter, and clocking circuits.
NOTE
The local oscillator inputs of the passive mixer are cos(
ωt) for I-CH and sin(ωt) for Q-CH
respectively. Depending on users' CW Doppler complex FFT processing, swapping I/Q
channels in FPGA or DSP may be needed in order to get correct blood flow directions.
All blocks include well-matched in-phase and quadrature channels to achieve good image frequency rejection as
well as beamforming accuracy. As a result, the image rejection ratio from an I/Q channel is better than -46dBc
which is desired in ultrasound systems.
Figure 69. Simplified Block Diagram of CW Path
44
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com