Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 60 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 56Page - Texas Instruments AFE5807 Datasheet HTML 57Page - Texas Instruments AFE5807 Datasheet HTML 58Page - Texas Instruments AFE5807 Datasheet HTML 59Page - Texas Instruments AFE5807 Datasheet HTML 60Page - Texas Instruments AFE5807 Datasheet HTML 61Page - Texas Instruments AFE5807 Datasheet HTML 62Page - Texas Instruments AFE5807 Datasheet HTML 63Page - Texas Instruments AFE5807 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
S0501-01
I/VSum
Amp
CW_AMPINP
CW_OUTM
CW_AMPINM
CW_OUTP
C
EXT
C
EXT
R
EXT
R
EXT
R
INT
R
INT
2000Ω
2000Ω
1000Ω
1000Ω
500Ω
500Ω
250Ω
250Ω
250Ω
250Ω
AFE5807
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
www.ti.com
Figure 87. CW Summing Amplifier Block Diagram
Multiple AFE5807s are usually utilized in parallel to expand CW beamformer channel count. These AFE5807s’
CW outputs can be summed and filtered externally further to achieve desired gain and filter response. AC
coupling capacitors CAC are required to block DC component of the CW carrier signal. CAC can vary from 1uF
to 10s
μF depending on the desired low frequency Doppler signal from slow blood flow. Multiple AFE5807s’ I/Q
outputs can be summed together with a low noise external differential amplifiers before 16/18-bit differential
audio ADCs. TI’s ultralow noise differential precision amplifier OPA1632 and THS4130 are suitable devices.
60
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com