Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 65 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 61Page - Texas Instruments AFE5807 Datasheet HTML 62Page - Texas Instruments AFE5807 Datasheet HTML 63Page - Texas Instruments AFE5807 Datasheet HTML 64Page - Texas Instruments AFE5807 Datasheet HTML 65Page - Texas Instruments AFE5807 Datasheet HTML 66Page - Texas Instruments AFE5807 Datasheet HTML 67Page - Texas Instruments AFE5807 Datasheet HTML 68Page - Texas Instruments AFE5807 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
FPGA Clock/
Noisy Clock
n × (20 to 65)MHz
TI Jitter Cleaner
LMK048X
CDCE72010
CDCM7005
CDCLVP1208
LMK0030X
LMK01000
20 to 65 MHz
ADC CLK
8 Synchronized
ADC CLKs
CDCE72010 has 10
outputs thus the buffer
may not be needed for
64CH systems
B0437-01
AFE5807
www.ti.com
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
Figure 91. ADC Clock Distribution Network
The AFE5807 ADC clock input can be driven by differential clocks (sine wave, LVPECL or LVDS) or singled
clocks (LVCMOS) similar to CW clocks as shown in Figure 89. In the single-end case, it is recommended that the
use of low jitter square signals (LVCMOS levels, 1.8V amplitude). See TI document SLYT075 for further details
on the theory.
The jitter cleaner LMK048X, CDCM7005 or CDCE72010 is suitable to generate the AFE5807’s ADC clock and
ensure the performance for the 12bit ADC with 70dBFS SNR. A clock distribution network is shown in Figure 91.
ADC Reference Circuit
The ADC’s voltage reference can be generated internally or provided externally. When the internal reference
mode is selected, the REFP/M becomes output pins and should be floated. When 3[15] =1 and 1[13]=1, the
device is configured to operate in the external reference mode in which the VREF_IN pin should be driven with a
1.4V reference voltage and REFP/M must be left open. Since the input impedance of the VREF_IN is high, no
special drive capability is required for the 1.4V voltage reference
The digital beam-forming algorithm in an ultrasound system relies on gain matching across all receiver channels.
A typical system would have about 12 octal AFEs on the board. In such a case, it is critical to ensure that the
gain is matched, essentially requiring the reference voltages seen by all the AFEs to be the same. Matching
references within the eight channels of a chip is done by using a single internal reference voltage buffer.
Trimming the reference voltages on each chip during production ensures that the reference voltages are well-
matched across different chips. When the external reference mode is used, a solid reference plane on a printed
circuit board can ensure minimal voltage variation across devices. More information on voltage reference design
can be found in the document SLYT339. The dominant gain variation in the AFE5807 comes from the VCA gain
variation. The gain variation contributed by the ADC reference circuit is much smaller than the VCA gain
variation. Hence, in most systems, using the ADC internal reference mode is sufficient to maintain good gain
matching among multiple AFE5807s. In addition, the internal reference circuit without any external components
achieves satisfactory thermal noise and phase noise performance.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com