Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 40 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 36Page - Texas Instruments AFE5807 Datasheet HTML 37Page - Texas Instruments AFE5807 Datasheet HTML 38Page - Texas Instruments AFE5807 Datasheet HTML 39Page - Texas Instruments AFE5807 Datasheet HTML 40Page - Texas Instruments AFE5807 Datasheet HTML 41Page - Texas Instruments AFE5807 Datasheet HTML 42Page - Texas Instruments AFE5807 Datasheet HTML 43Page - Texas Instruments AFE5807 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
SPI IN
LNA
VCAT
0 to -40dB
SPI Logic
16X CLK
LNA IN
PGA
24, 30dB
3
rd LP Filter
10, 15, 20,
30 MHz
16 Phases
Generator
CW Mixer
Summing
Amplifier
1X CLK
1X CLK
CW I/Q Vout
AFE5807 (1 of 8 Channels)
12Bit
ADC
LVDS
Reference
Reference
Differential
TGC Vcntl
EXT/INT
REFs
16X8
Crosspoint SW
SPI OUT
AFE5807
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
www.ti.com
THEORY OF OPERATION
AFE5807 OVERVIEW
The AFE5807 is an integrated Analog Front-End (AFE) solution specifically designed for ultrasound systems in
which high performance and small size are required. The AFE5807 integrates a complete time-gain-control
(TGC) imaging path and a continuous wave Doppler (CWD) path. It also enables users to select one of various
power/noise combinations to optimize system performance. The AFE5807 contains eight channels; each
channels includes a Low-Noise Amplifier (LNA), a Voltage Controlled Attenuator (VCAT), a Programmable Gain
Amplifier (PGA), a Low-pass Filter (LPF), a 12-bit Analog-to-Digital Converter (ADC), and a CW mixer.
In addition, multiple features in the AFE5807 are suitable for ultrasound applications, such as active termination,
individual channel control, fast power up/down response, programmable clamp voltage control, fast and
consistent overload recovery, etc. Therefore, the AFE5807 brings premium image quality to ultra–portable,
handheld systems all the way up to high-end ultrasound systems. Its simplified function block diagram is listed in
Figure 64.
Figure 64. Functional Block Diagram
LOW-NOISE AMPLIFIER (LNA)
In many high-gain systems, a low noise amplifier is critical to achieve overall performance. Using a new
proprietary architecture, the LNA in the AFE5807 delivers exceptional low-noise performance, while operating on
a very low quiescent current compared to CMOS-based architectures with similar noise performance. The LNA
performs single-ended input to differential output voltage conversion. It is configurable for a programmable gain
of 24/18/12dB and its input-referred noise is only 0.63/0.70/0.9nV/
√Hz respectively. Programmable gain settings
result in a flexible linear input range up to 1Vpp, realizing high signal handling capability demanded by new
transducer technologies. Larger input signal can be accepted by the LNA; however the signal can be distorted
since it exceeds the LNA’s linear operation region. Combining the low noise and high input range, a wide input
dynamic range is achieved consequently for supporting the high demands from various ultrasound imaging
modes.
The LNA input is internally biased at approximately +2.4V; the signal source should be ac-coupled to the LNA
input by an adequately-sized capacitor, e.g.
≥0.1uF. To achieve low DC offset drift, the AFE5807 incorporates a
DC offset correction circuit for each amplifier stage. To improve the overload recovery, an integrator circuit is
used to extract the DC component of the LNA output and then fed back to the LNA’s complementary input for DC
offset correction. This DC offset correction circuit has a high-pass response and can be treated as a high-pass
40
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com