Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 53 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 49Page - Texas Instruments AFE5807 Datasheet HTML 50Page - Texas Instruments AFE5807 Datasheet HTML 51Page - Texas Instruments AFE5807 Datasheet HTML 52Page - Texas Instruments AFE5807 Datasheet HTML 53Page - Texas Instruments AFE5807 Datasheet HTML 54Page - Texas Instruments AFE5807 Datasheet HTML 55Page - Texas Instruments AFE5807 Datasheet HTML 56Page - Texas Instruments AFE5807 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
IN CH1
IN CH2
IN CH3
IN CH4
IN CH5
IN CH6
IN CH7
IN CH8
ACT1
ACT2
ACT3
ACT4
ACT5
ACT6
ACT7
ACT8
IN1P
IN2P
IN3P
IN4P
IN5P
IN6P
IN7P
IN8P
IN1M
IN2M
IN3M
IN4M
IN5M
IN6M
IN7M
IN8M
AFE5807
ANALOG INPUTS
ANALOG OUTPUTS
REF/BIAS DECOUPLING
LVDS OUTPUTS
D1P
D1M
D2P
D2M
D3P
D3M
D4P
D4M
D5P
D5M
D6P
D6M
D7P
D7M
D8P
D8M
DCLKM
DCLKP
FCLKM
FCLKP
CW_IP_AMPINP
CW_IP_AMPINM
CW_IP_OUTM
CW_IP_OUTP
REFM
REFP
CLKM
CLKP
AFE5807
CLOCK
INPUTS
AFE5807
DIGITAL
INPUTS
CLKM_16X
CLKP_16X
CLKM_1X
CLKP_1X
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
SCLK
SDATA
RESET
SEN
SOUT
PDN_ADC
PDN_VCA
PDN_GLOBAL
AVSS
DVSS
AVSS
AVSS
AVSS
DVSS
OTHER
AFE5807
OUTPUT
OTHER
AFE5807
OUTPUT
OTHER
AFE5807
OUTPUT
DNCs
TO
SUMMING
AMP
C
AC
C
CW
C
CW
C
AC
C
AC
C
AC
R
SUM
C
VCNTL
470pF
C
VCNTL
470pF
R
EXT (optional)
R
EXT (optional)
R
SUM
R
SUM
R
SUM
CW_QP_AMPINP
CW_QP_AMPINM
CW_QP_OUTM
CW_QP_OUTP
OTHER
AFE5807
OUTPUT
TO
SUMMING
AMP
C
AC
C
CW
C
CW
C
AC
C
AC
C
AC
R
SUM
R
EXT (optional)
R
EXT (optional)
R
SUM
R
SUM
R
SUM
Clock termination
depends on clock types
LVDS, PECL, or CMOS
5VA
3.3VA
1.8VA
1.8VD
10μF
1μF
1μF
1μF
1μF
1μF
1μF
1μF
1μF
>
1μF
>1μF
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
15nF
15nF
15nF
15nF
15nF
15nF
15nF
15nF
10μF
10μF
10μF
0.1μF
N*0.1 F
μ
N*0.1 F
μ
N*0.1 F
μ
CM_BYP
VHIGH
VCNTLP IN
VCNTLP
VCNTLM
VREF_IN
R
VCNTL
200Ω
R
VCNTL
200Ω
VCNTLM IN
1.4V
AFE5807
www.ti.com
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
APPLICATION INFORMATION
Figure 82. Application Circuit
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com